Electronic Components Datasheet Search
  English  ▼

X  

HD3SS460 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS460
Description  4 x 6 Channels USB Type-C Alternate Mode MUX
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS460 Datasheet(HTML) 7 Page - Texas Instruments

Back Button HD3SS460 Datasheet HTML 3Page - Texas Instruments HD3SS460 Datasheet HTML 4Page - Texas Instruments HD3SS460 Datasheet HTML 5Page - Texas Instruments HD3SS460 Datasheet HTML 6Page - Texas Instruments HD3SS460 Datasheet HTML 7Page - Texas Instruments HD3SS460 Datasheet HTML 8Page - Texas Instruments HD3SS460 Datasheet HTML 9Page - Texas Instruments HD3SS460 Datasheet HTML 10Page - Texas Instruments HD3SS460 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
POL, AMSEL , EN (H/M)
High/Low Speed Signals
90%
10%
50%
Ton
Toff
7
HD3SS460
www.ti.com
SLLSEM7B – JANUARY 2015 – REVISED JUNE 2016
Product Folder Links: HD3SS460
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
High Speed Port Performance Parameters (continued)
under recommended operating conditions; RLOAD, RSC = 50 Ω (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
BWSS
Differential –3 dB BW SS Paths
4.2
GHz
BWAM
Differential –3 dB BW AM Paths
5.4
BWSBU
Low-speed switch –3 dB BW
500
MHz
7.7 High Speed Signal Path Switching Characteristics
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
tPD
Switch propagation delay
RSC and RLOAD = 50 Ω, Figure 2
100
ps
tSK(O)
Inter-Pair output skew (CH-CH)
50
tSK(b-b)
Intra-Pair output skew (bit-bit)
5
tON
Control signals POL, AMSEL and
EN (H/M toggle) to switch ON time
RSC and RLOAD = 50 Ω, Figure 1
3
µs
tOFF
Control signals POL, AMSEL and
EN (H/M toggle) to switch OFF time
1
Timing Diagrams
Figure 1. Switch ON/OFF Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com