Electronic Components Datasheet Search
  English  ▼

X  

DS90CP02 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CP02
Description  1.5 Gbps 2x2 LVDS Crosspoint Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CP02 Datasheet(HTML) 2 Page - Texas Instruments

  DS90CP02 Datasheet HTML 1Page - Texas Instruments DS90CP02 Datasheet HTML 2Page - Texas Instruments DS90CP02 Datasheet HTML 3Page - Texas Instruments DS90CP02 Datasheet HTML 4Page - Texas Instruments DS90CP02 Datasheet HTML 5Page - Texas Instruments DS90CP02 Datasheet HTML 6Page - Texas Instruments DS90CP02 Datasheet HTML 7Page - Texas Instruments DS90CP02 Datasheet HTML 8Page - Texas Instruments DS90CP02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
7
6
5
4
3
2
1
15
16
17
18
19
20
21
28
27
26
25
24
23
22
8
9
10
11
12
13
14
N/C
IN0+
IN0-
VDDA
IN1+
IN1-
VDD
N/C
OUT0+
OUT0-
VDDA
OUT1+
OUT1-
VDD
DAP
(GND)
DS90CP02
SNLS267A – NOVEMBER 2008 – REVISED MARCH 2013
www.ti.com
Table 1. PIN DESCRIPTIONS
Pin
Pin
I/O, Type
Description
Name
Number
DIFFERENTIAL INPUTS COMMON TO ALL MUXES
IN0+
9
I, LVDS
Inverting and non-inverting differential inputs. LVDS, Bus LVDS, CML, or LVPECL
IN0
−
10
compatible.
IN1+
12
I, LVDS
Inverting and non-inverting differential inputs. LVDS, Bus LVDS, CML, or LVPECL
IN1
−
13
compatible.
SWITCHED DIFFERENTIAL OUTPUTS
OUT0+
27
O, LVDS
Inverting and non-inverting differential outputs. OUT0± can be connected to any one pair
OUT0
−
26
IN0±, or IN1±. LVDS compatible .
OUT1+
24
O, LVDS
Inverting and non-inverting differential outputs. OUT1± can be connected to any one pair
OUT1
−
23
IN0±, or IN1±. LVDS compatible .
DIGITAL CONTROL INTERFACE
SEL0, SEL1
6
I, LVTTL
Select Control Inputs
5
EN0, EN1
7
I, LVTTL
Output Enable Inputs
15
N/C
8, 20, 28
Not Connected
POWER
VDD
11, 14, 16,
I, Power
VDD = 3.3V ±0.3V. At least 4 low ESR 0.01 µF bypass capacitors should be connected from
18, 19, 22,
VDD to GND plane.
25
GND
DAP, 1, 2,
I, Power
Ground reference to LVDS and CMOS circuitry.
3, 4, 17,
For the UQFN package, the DAP is used as the primary GND connection to the device.
21
The DAP is the exposed metal contact at the bottom of the UQFN-28 package. It should be
connected to the ground plane with at least 4 vias for optimal AC and thermal performance.
Connection Diagram
Figure 2. UQFN Top View
DAP = GND
See Package Number NJD0028A
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: DS90CP02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com