Electronic Components Datasheet Search
  English  ▼

X  

ADS1204 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1204
Description  FOUR 1-BIT, 10MHZ, 2ND-ORDER, DELTA-SIGMA MODULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1204 Datasheet(HTML) 1 Page - Texas Instruments

  ADS1204 Datasheet HTML 1Page - Texas Instruments ADS1204 Datasheet HTML 2Page - Texas Instruments ADS1204 Datasheet HTML 3Page - Texas Instruments ADS1204 Datasheet HTML 4Page - Texas Instruments ADS1204 Datasheet HTML 5Page - Texas Instruments ADS1204 Datasheet HTML 6Page - Texas Instruments ADS1204 Datasheet HTML 7Page - Texas Instruments ADS1204 Datasheet HTML 8Page - Texas Instruments ADS1204 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SBAS301A − OCTOBER 2003 − REVISED JUNE 2004
Four 1Bit, 10MHz, 2ndOrder,
DeltaSigma Modulators
ADS1204
FEATURES
D 16-Bit Resolution
D 14-Bit Linearity
D Resolution/Speed Trade-Off:
10-Bit Effective Resolution with 10
µs Signal
Delay (12-Bit with 19
µs)
D ±2.5V Input Range at 2.5V
D Internal Reference Voltage: 2%
D Gain Error: 0.5%
D Four Independent Delta-Sigma Modulators
D Four Input Reference Buffers
D Onboard 20MHz Oscillator
D Selectable Internal or External Clock
D Operating Temperature Range:
−40
°C to +85°C
D QFN-32 (5x5) Package
APPLICATIONS
D Motor Control
D Current Measurement
D Industrial Process Control
D Instrumentation
D Smart Transmitters
D Portable Instruments
D Weight Scales
D Pressure Transducers
DESCRIPTION
The ADS1204 is a four-channel, high-performance device,
with four delta-sigma (
∆Σ) modulators with 100dB dynamic
range, operating from a single +5V supply. The differential
inputs are ideal for direct connection to transducers in an
industrial environment. With the appropriate digital filter
and modulator rate, the device can be used to achieve
16-bit analog-to-digital (A/D) conversion with no missing
code. Effective resolution of 12 bits can be obtained with
a digital filter data rate of 160kHz at a modulator rate of
10MHz. The ADS1204 is designed for use in medium- to
high-resolution
measurement
applications
including
current measurements, smart transmitters, industrial
process control, weight scales, chromatography, and
portable instrumentation. It is available in a QFN-32 (5x5)
package.
2nd−Order
∆Σ Modulator
CH A+
AV
DD
CH A
−
Output
Interface
Circuit
RC
Oscillator
20MHz
Out
EN
Clock
Select
Divider
REFIN A
Reference
Voltage
2.5V
REFOUT
OUT A
OUT B
OUT C
OUT D
CLKIN
AGND
BGND
BV
DD
CLKOUT
CLKSEL
2nd−Order
∆Σ Modulator
CH B+
CH B
−
REFIN B
2nd−Order
∆Σ Modulator
CH C+
CH C
−
REFIN C
2nd−Order
∆Σ Modulator
CH D+
CH D
−
REFIN D
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2003−2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - ADS1204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
1Mb / 29P
Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204IRHBR TI1-ADS1204IRHBR Datasheet
812Kb / 27P
Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204IRHBR TI1-ADS1204IRHBR Datasheet
1Mb / 29P
Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204IRHBRG4 TI1-ADS1204IRHBRG4 Datasheet
1Mb / 29P
Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results

Similar Description - ADS1204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI-ADS1209_1 Datasheet
415Kb / 20P
Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204_14 Datasheet
1Mb / 29P
Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
ADS1209 TI-ADS1209_15 Datasheet
966Kb / 23P
Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com