Electronic Components Datasheet Search
  English  ▼

X  

ADS1240 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1240
Description  24-Bit ANALOG-TO-DIGITAL CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1240 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS1240 Datasheet HTML 15Page - Texas Instruments ADS1240 Datasheet HTML 16Page - Texas Instruments ADS1240 Datasheet HTML 17Page - Texas Instruments ADS1240 Datasheet HTML 18Page - Texas Instruments ADS1240 Datasheet HTML 19Page - Texas Instruments ADS1240 Datasheet HTML 20Page - Texas Instruments ADS1240 Datasheet HTML 21Page - Texas Instruments ADS1240 Datasheet HTML 22Page - Texas Instruments ADS1240 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
ADS1240, 1241
21
SBAS173C
www.ti.com
APPLICATION EXAMPLES
GENERAL-PURPOSE WEIGH SCALE
Figure 8 shows a typical schematic of a general-purpose
weigh scale application using the ADS1240. In this example,
the internal PGA is set to either 64 or 128 (depending on the
maximum output voltage of the load cell) so that the load cell
output can be directly applied to the differential inputs of
ADS1240
V
REF+
AV
DD
DRDY
SCLK
D
OUT
D
OUT
CS
X
IN
DV
DD
AGND
DGND
A
IN0
V
DD
2.7V ~ 5.25V
GND
MCLK
A
IN1
EMI Filter
Load Cell
MSP430x4xx
or other
µP
V
REF–
SPI
X
OUT
2.7V ~ 5.25V
EMI Filter
EMI Filter
EMI Filter
ADS1240.
HIGH PRECISION WEIGH SCALE
Figure 9 shows the typical schematic of a high-precision
weigh scale application using the ADS1240. The front-end
differential amplifier helps maximize the dynamic range.
ADS1240
ADS1241
V
REF+
AV
DD
DRDY
SCLK
D
OUT
D
IN
CS
X
IN
DV
DD
AGND
DGND
A
IN0
V
DD
2.7V ~ 5.25V
GND
MCLK
A
IN1
EMI Filter
EMI Filter
Load Cell
OPA2335
G = 1 + 2 • R
F/RG
MSP430x4xx
or other
µP
V
REF–
SPI
X
OUT
2.7V ~ 5.25V
EMI Filter
EMI Filter
OPA2335
R
F
C
I
R
G
R
F
R
I
R
I
FIGURE 8. Schematic of a General-Purpose Weigh Scale.
FIGURE 9. Block Diagram for a High-Precision Weigh Scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com