Electronic Components Datasheet Search
  English  ▼

X  

DS485TMX Datasheet(PDF) 2 Page - Texas Instruments

Part # DS485TMX
Description  Low Power RS-485/RS-422 Multipoint Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS485TMX Datasheet(HTML) 2 Page - Texas Instruments

  DS485TMX Datasheet HTML 1Page - Texas Instruments DS485TMX Datasheet HTML 2Page - Texas Instruments DS485TMX Datasheet HTML 3Page - Texas Instruments DS485TMX Datasheet HTML 4Page - Texas Instruments DS485TMX Datasheet HTML 5Page - Texas Instruments DS485TMX Datasheet HTML 6Page - Texas Instruments DS485TMX Datasheet HTML 7Page - Texas Instruments DS485TMX Datasheet HTML 8Page - Texas Instruments DS485TMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DS485
SNLS122C – JULY 1998 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage (VCC)
+12V
Enable Input Voltage (RE*, DE)
−0.5V to (VCC + 0.5V)
Driver Input Voltage (DI)
−0.5V to (VCC + 0.5V)
Driver Output Voltage (A, B)
−14V to +14V
Receiver Input Voltage (A, B)
−14V to +14V
Receiver Output Voltage (RO)
−0.5V to (VCC + 0.5V)
Maximum Package Power Dissipation @ +25°C
SOIC Package
1.19W
PDIP Package
0.74W
Derate SOIC Package 9.5 mW/°C above +25°C
Derate PDIP Package 6.0 mW/°C above +25°C
Maximum Package Power Dissipation @ +70°C
SOIC Package
0.76W
PDIP Package
0.47W
Storage Temperature Range
−65°C to +150°C
Lead Temperature Range
Soldering, 4 sec
+260°C
ESD (HBM)
≥2 kV
(1)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(2)
Absolute Maximum Ratings are those values beyond which the safety of the device cannot be ensured. They are not meant to imply that
the devices should be operated at these limits. The table of ELECTRICAL CHARACTERISTICS specifies conditions of device operation.
RECOMMENDED OPERATING CONDITIONS
Min
Typ
Max
Units
Supply Voltage (VCC)
+4.75
+5.0
+5.25
V
Operating Free Air Temperature (TA)
DS485
0
+25
+70
°C
DS485T
−40
+25
+85
°C
Bus Common Mode Voltage
−7
+12
V
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com