Electronic Components Datasheet Search
  English  ▼

X  

DS3695AT Datasheet(PDF) 2 Page - Texas Instruments

Part # DS3695AT
Description  Multipoint RS485/RS422 Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS3695AT Datasheet(HTML) 2 Page - Texas Instruments

  DS3695AT Datasheet HTML 1Page - Texas Instruments DS3695AT Datasheet HTML 2Page - Texas Instruments DS3695AT Datasheet HTML 3Page - Texas Instruments DS3695AT Datasheet HTML 4Page - Texas Instruments DS3695AT Datasheet HTML 5Page - Texas Instruments DS3695AT Datasheet HTML 6Page - Texas Instruments DS3695AT Datasheet HTML 7Page - Texas Instruments DS3695AT Datasheet HTML 8Page - Texas Instruments DS3695AT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DS3695A, DS3695AT, DS3696A
SNLS353C – FEBRUARY 1996 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage, VCC
7V
Control Input Voltages
7V
Driver Input Voltage
7V
Driver Output Voltages
+15V/
−10V
Receiver Input Voltages
+15V/
−10V
Receiver Output Voltage
5.5V
Continuous Power Dissipation @ 25°C
D0008A Package
630 mW (3)
Storage Temp. Range
−65°C to +150°C
Lead Temp. (Soldering 4 seconds)
260°C
(1)
“Absolute maximum ratings” are those beyond which the safety of the device cannot be verified. They are not meant to imply that the
device should be operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device operation.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Derate linearly at 6.5 mW/°C to 337 mW at 70°C.
Recommended Operating Conditions
Min
Max
Units
Supply Voltage, VCC
4.75
5.25
V
Bus Voltage
−7
+12
V
Operating Free Air Temperature (TA)
Commercial (DS3695AM)
0
+70
°C
Industrial (DS3695ATM)
−40
+85
°C
Commercial (DS3696AM)
0
+70
°C
Electrical Characteristics
(1) (2)
0°C
≤ TA ≤ 70°C, 4.75V < VCC < 5.25V unless otherwise specified
Parameter
Test Conditions
Min
Typ
Max
Units
VOD1
Differential Driver Output Voltage (Unloaded)
IO = 0
5
V
VOD2
Differential Driver Output Voltage (with Load)
R = 50
Ω; (RS-422) (3)
2
V
R = 27
Ω; (RS-485)
1.5
V
ΔVOD
Complementary Output States
R = 27
Ω
0.2
V
Differential Output Voltage For
Change in Magnitude of Driver
VOC
Driver Common Mode Output Voltage
3.0
V
Δ|VOC|
Change in Magnitude of Driver
0.2
V
Common Mode Output Voltage
For Complementary Output States
VIH
Input High Voltage
DI, DE, RE ,
2
V
RE/DE
VIL
Input Low Voltage
0.8
V
VCL
Input Clamp Voltage
IIN = −18 mA
−1.5
V
IIL
Input Low Current
VIL = 0.4V
−200
μA
IIH
Input High Current
VIH = 2.4V
20
μA
(1)
All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless
otherwise specified.
(2)
All typicals are given for VCC = 5V and TA = 25°C.
(3)
All limits for which this note is applied must be derated by 10% for DS3695AT. Other parameters remain the same for this extended
temperature range device (
−40°C ≤ TA ≤ +85°C).
2
Submit Documentation Feedback
Copyright © 1996–2013, Texas Instruments Incorporated
Product Folder Links: DS3695A DS3695AT DS3696A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com