Electronic Components Datasheet Search
  English  ▼

X  

DS8921 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DS8921
Description  Differential Line Driver and Receiver Pair
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS8921 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS8921 Datasheet HTML 6Page - Texas Instruments DS8921 Datasheet HTML 7Page - Texas Instruments DS8921 Datasheet HTML 8Page - Texas Instruments DS8921 Datasheet HTML 9Page - Texas Instruments DS8921 Datasheet HTML 10Page - Texas Instruments DS8921 Datasheet HTML 11Page - Texas Instruments DS8921 Datasheet HTML 12Page - Texas Instruments DS8921 Datasheet HTML 13Page - Texas Instruments DS8921 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Time (400 ns/DIV)
0 V
Time (400 ns/DIV)
0 V
DS8921, DS8921A, DS8921AT
SNLS374D – MAY 1998 – REVISED JANUARY 2015
www.ti.com
Typical Application (continued)
9.2.1 Design Requirements
•
Apply TTL or LVCMOS signal to driver input at DI
•
Transmit complementary outputs at DO+ and DO-
•
Receive complimentary input signals at RI+ and RI-
•
Receive TTL output signal at RO
•
Use controlled-impedance transmission lines such as printed circuit board traces, twisted-pair wires or parallel
wire cable
•
Place terminating resistor at the far end of the differential pair
9.2.2 Detailed Design Procedure
•
Connect VCC and GND pins to the power and ground planes of the printed circuit board, with 0.1-uF bypass
capacitor
•
Use TTL/LVCMOS logic levels at DI and RO
•
Use controlled-impedance transmission media for the differential signals DI+- and RO+-
•
Place a terminating resistor at the far-end of the differential pair to avoid reflection
•
Ensure the received complimentary signals at RO+ and RO- are within the signal threshold of ±200 mV
9.2.3 Application Curves
2.0 Mbps Single-Ended 1010 Data Pattern
2.0 Mbps Differential Data Pattern
Note: The input for the driver is Figure 12
Figure 12. Driver Single-Ended Input Signal
Figure 13. Driver Differential Output Signal
10
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: DS8921 DS8921A DS8921AT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com