Electronic Components Datasheet Search
  English  ▼

X  

CER0817B Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0817B
Description  Surface mount, silver (Ag) coated neodymium ceramic filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0817B Datasheet(HTML) 2 Page - CTS Corporation

  CER0817B Datasheet HTML 1Page - CTS Corporation CER0817B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
e
d
a
J
F
I
B
C
INPUT PAD
CL
G
CER0817B
880 MHz BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
Customer Feed Direction
DIMENSION
UNITS SPECIFICATION
REEL DIAMETER
mm
330
REEL WEIGHT
kg
2.3
REEL QUANTITY
ea.
250
- CTS Electronic Components - www.ctscorp.com – 4800 Alameda Blvd. NE, Albuquerque, NM 87113 -
Dim
Nominal
(mm)
Tolerance (mm)
+/- or max
Critical Parameters
Noted by X
A
14.78
Max.
X
B
10.9
Max.
X
C
6.0
Max.
X
D
5.78
0.13
X
E
5.60
0.13
X
F
1.02
0.13
X
G
0.64
0.13
X
I
1.02
0.13
X
J
0.64
0.13
X
CTS
17B
YWW
Wo
Ao
Bo
Ko
Po
Inches/mm
Inches/mm
Inches/mm
Inches/mm
Inches/mm
0.945"/24
0.594"/15.08 0.433"/11.0
0.248"/6.30
0.787"/20.0
Revision B – Origin Date: December 2, 2010 – Revision Date: July 11, 2011
-70
-60
-50
-40
-30
-20
-10
0
700
800
900
1000
1100
1200



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com