Electronic Components Datasheet Search
  English  ▼

X  

CER0818B Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0818B
Description  Surface mount, silver (Ag) coated barium ceramic filter.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0818B Datasheet(HTML) 2 Page - CTS Corporation

  CER0818B Datasheet HTML 1Page - CTS Corporation CER0818B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0818B
2350MHz BPF
Mechanical Drawing
Electrical response
PCB Layout
Dim Nominal (mm)
Tolerance (mm)
+/- or max
A
8.97
Max
B
4.83
Max
C
0.89
0.13
D
0.40
0.13
E
0.40
0.13
F
2.70
0.13
G
2.70
0.13
H
2.90
Max
I
0.89
0.13
Revision B – Origin Date: December 13, 2010– Revision Date: July 11, 2011
Packaging and Marking
-60
-50
-40
-30
-20
-10
0
2050 2150 2250 2350 2450 2550 2650
Customer Feed Direction
DIMENISION
UNITS
SPECIFICATION
REEL DIAMETER
mm
330
REELWEIGHT
kg
1.5
REEL QUANTITY
ea.
1000
Wo
Ao
Bo
Ko
Po
Inches/mm
Inches/mm
Inches/mm
Inches/mm
Inches/mm
0.630"/16
0.215"/5.46
0.360"/9.14
0.120"/3.04
0.472"/12.0
Product Marking
CTS
818
YWW
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com – 4800 Alameda Blvd. NE, Albuquerque, NM 87113 -



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com