Electronic Components Datasheet Search
  English  ▼

X  

DP83916 Datasheet(PDF) 58 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 58 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 54Page - National Semiconductor (TI) DP83916 Datasheet HTML 55Page - National Semiconductor (TI) DP83916 Datasheet HTML 56Page - National Semiconductor (TI) DP83916 Datasheet HTML 57Page - National Semiconductor (TI) DP83916 Datasheet HTML 58Page - National Semiconductor (TI) DP83916 Datasheet HTML 59Page - National Semiconductor (TI) DP83916 Datasheet HTML 60Page - National Semiconductor (TI) DP83916 Datasheet HTML 61Page - National Semiconductor (TI) DP83916 Datasheet HTML 62Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 96 page
background image
50 Bus Interface (Continued)
5453 Memory Cycle for BMODE e 1
Asynchronous Mode
On the rising edge of T1 the SONIC-16 asserts ECS to
indicate that the memory cycle is starting The address
(A23 – A1) bus status (S2 – S0) and the direction strobe
(MRW) are driven and do not change for the remainder of
the memory cycle On the falling edge of T1 the SONIC-16
deasserts ECS and asserts AS
In asynchronous mode
DSACK01 are asynchronously
sampled on the falling edge of both T1 and T2 DSACK01
do not need to be synchronized to the bus clock because
the chip always resolves these signals to either a high or
low state If a synchronous termination of the bus cycle is
required however STERM may be used STERM is sam-
pled on the rising edge of T2 and must meet the setup and
hold times with respect to that edge for proper operation
Meeting the setup time for DSACK01 or STERM guaran-
tees that the SONIC-16 will terminate the memory cycle 1
TLF11722 – 36
FIGURE 5-10 Memory Read BMODEe1 Asynchronous (1 Wait-State)
TLF11722 – 37
FIGURE 5-11 Memory Read BMODEe1 Asynchronous (2 Wait-State)
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com