Electronic Components Datasheet Search
  English  ▼

X  

LCM-120 Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # LCM-120
Description  LCM-120 Line Conditioning Module 28 Volt input ??120 watt
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

LCM-120 Datasheet(HTML) 5 Page - Interpoint Corporation Company

  LCM-120_13 Datasheet HTML 1Page - Interpoint Corporation Company LCM-120_13 Datasheet HTML 2Page - Interpoint Corporation Company LCM-120_13 Datasheet HTML 3Page - Interpoint Corporation Company LCM-120_13 Datasheet HTML 4Page - Interpoint Corporation Company LCM-120_13 Datasheet HTML 5Page - Interpoint Corporation Company LCM-120_13 Datasheet HTML 6Page - Interpoint Corporation Company LCM-120_13 Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
taBLe 5: eLeCtriCaL CHaraCteristiCs: 25°C Case, 28 vDC vin, 100% LoaD, Free run, unLess otHerwise speCiFieD.
LINE CONDITIONINg MODULE
INPUT VOLTAgE
LCM-120
PARAMETER
CONDITIONS
AS A CONDITION
MIN
TYP
MAX
UNITS
OUTPUT VOLTAgE
12 to 24
23
24
24.5
CONTINUOUS
24 to 36
VOUT = VIN - 1 V
VDC
36 to 50
35
36
37.5
TRANSIENT 120 ms 1
50 to 80
—
36
—
OUTPUT POWER 1
12 to 50
—
—
120
W
OUTPUT RIPPLE 1
FULL LOAD
12 to 24
—
150
—
BW = 10 kHz to 2 MHz
24 to 36
—
50
—
mV p-p
36 to 50
—
1500
—
INPUT VOLTAgE
CONTINUOUS
12
28
50
VDC
TRANSIENT 120 ms 1
—
—
80
V
INPUT CURRENT
NO LOAD
12
—
125
180
24 1
—
65
85
36 1
—
20
—
mA
INHIBITED 1
12
—
50
—
PIN 11 = 0 V
24
—
24
—
36
—
18
—
INPUT RIPPLE 1
FULL LOAD
—
150
—
mA p-p
BW = 10 kHz to 10 MHz
EFFICIENCY 1
12
—
88
—
FULL LOAD
24
—
95
—
%
36
—
90
—
INHIBIT PIN CURRENT 1
INHIBITED, PIN 11 = 0 V
12 to 80
—
1
—
mA
POWER FAIL FLAg THRESHOLD 1 VOUT > 10, PIN 6
FLAg CURRENT = 0.4 mA
< 9.5
—
0.4, pin 10
—
VDC
POWER FAIL THRESHOLD (V)
VIN FALLINg
—
9.5
10
VDC
UNDERVOLTAgE LOCKOUT 1
VIN RISINg
—
11.5
12
VDC
OUTPUT CAPACITOR 1
ESR > 0.25 OHMS
330
—
1,000,000
µF
Notes
1. guaranteed by design. Not an in-line test.
www.craneae.com/interpoint
Crane Aerospace & Electronics Power Solutions
LCM-120 Line Conditioning Module
28 VoLt input – 120 watt
Page 5 of 7
LCM-120 Rev AA - 2013.06.14



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com