Electronic Components Datasheet Search
  English  ▼

X  

MCH2805S Datasheet(PDF) 9 Page - Interpoint Corporation Company

Part # MCH2805S
Description  MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MCH2805S Datasheet(HTML) 9 Page - Interpoint Corporation Company

Back Button MCH2805S_13 Datasheet HTML 5Page - Interpoint Corporation Company MCH2805S_13 Datasheet HTML 6Page - Interpoint Corporation Company MCH2805S_13 Datasheet HTML 7Page - Interpoint Corporation Company MCH2805S_13 Datasheet HTML 8Page - Interpoint Corporation Company MCH2805S_13 Datasheet HTML 9Page - Interpoint Corporation Company MCH2805S_13 Datasheet HTML 10Page - Interpoint Corporation Company MCH2805S_13 Datasheet HTML 11Page - Interpoint Corporation Company MCH2805S_13 Datasheet HTML 12Page - Interpoint Corporation Company MCH2805S_13 Datasheet HTML 13Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Figure 15
0.8
1.8
1.0
1.2
1.4
1.6
9
10
11
12
INPUT VOLTAGE
ALL MODELS
LOW LINE DROPOUT
12 V
SINGLE
& DUAL
15 V
SINGLE
& DUAL
5 V
DUAL
5 V
SINGLE
Figure 16
120
100
80
60
40
20
0
% OF FULL LOAD
OUTPUT VOLTAGE vs. OUTPUT LOAD
0
20
40
60
80
100 120 140 160
SAFE OPERATING AREA
TRIP POINT 125%
Figure 17
FREQUENCY (MHz)
Representative of all MCH/MGH models
0.1
1
10
50
90
70
50
30
10
.015
FILTERED WITH FMSA
CE03
LIMIT
NARROWBAND
VIN
–VOUT
TURN-ON INTO FULL LOAD
0
5
(B)
(A)
10 15 20 25 30 35 40 45
TIME (ms)
Also representative of MCH/MGH2812S & D and MCH/MGH2815S
+VOUT
(B) 0 V for –VOUT
(A) 0 V for +VOUT
MCH/MGH2815D
Figure 18
CROSS REGULATION
50% LOAD +V; 50% TO 10% LOAD –V
AND
50% LOAD –V; 50% TO 10% LOAD +V
4
-4
-2
0
2
10
20
30
40
50
OUTPUT LOAD (%)
DUAL ISOLATED
5 V
12 V
15 V
Figure 19
–5 V
–12 V
–15 V
4
-4
-2
0
2
90/10 70/30 50/50 30/70 10/90
OUTPUT LOAD (%)
DUAL ISOLATED
CROSS REGULATION
90% TO 10% LOAD ON +V
10% TO 90% LOAD ON –V
+5 V
+12 V
+15 V
Figure 20
TypicalPerformanceCurves:25°CTc,28VDCVin,100%load,unlessotherwisespecified.
MCh anD Mgh singLe anD DuaL outPut MoDeLs (Cont.)
Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC-DC Converters
Page9of13
28 Volt input – 1.5 Watt
www.interpoint.com
MCH_MGHRevAB-2013.05.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com