Electronic Components Datasheet Search
  English  ▼

X  

ADT7461 Datasheet(PDF) 20 Page - Analog Devices

Part # ADT7461
Description  짹1째C Temperature Monitor with Series Resistance Cancellation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7461 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADT7461 Datasheet HTML 16Page - Analog Devices ADT7461 Datasheet HTML 17Page - Analog Devices ADT7461 Datasheet HTML 18Page - Analog Devices ADT7461 Datasheet HTML 19Page - Analog Devices ADT7461 Datasheet HTML 20Page - Analog Devices ADT7461 Datasheet HTML 21Page - Analog Devices ADT7461 Datasheet HTML 22Page - Analog Devices ADT7461 Datasheet HTML 23Page - Analog Devices ADT7461 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADT7461
•
For really long distances (up to 100 feet), use shielded
twisted pair, such as Belden No. 8451 microphone cable.
Connect the twisted pair to D+ and D− and the shield to
GND close to the ADT7461. Leave the remote end of the
shield unconnected to avoid ground loops.
Because the measurement technique uses switched current
sources, excessive cable or filter capacitance can affect the
measurement. When using long cables, the filter capacitance
may be reduced or removed.
APPLICATION CIRCUIT
Figure 23
Figure 23. Typical Application Circuit
shows a typical application circuit for the ADT7461,
using a discrete sensor transistor connected via a shielded,
twisted pair cable. The pull-ups on SCLK, SDATA, and ALERT
are required only if they are not already provided elsewhere in
the system.
The SCLK and SDATA pins of the ADT7461 can be interfaced
directly to the SMBus of an I/O controller, such as the Intel 820
chipset.
SHIELD
2N3906
OR
CPU THERMAL
DIODE
ALERT/
THERM2
GND
THERM
D+
D–
ADT7461
SCLK
SDATA
VDD
VDD
3V TO 3.6V
TYP 10k
Ω
TYP 10k
Ω
0.1
µF
FAN
CONTROL
CIRCUIT
FAN
ENABLE
SMBUS
CONTROLLER
5V OR 12V
Rev. 0 | Page 20 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com