Electronic Components Datasheet Search
  English  ▼

X  

ADS8364Y/2K Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8364Y/2K
Description  250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8364Y/2K Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS8364Y/2K Datasheet HTML 14Page - Texas Instruments ADS8364Y/2K Datasheet HTML 15Page - Texas Instruments ADS8364Y/2K Datasheet HTML 16Page - Texas Instruments ADS8364Y/2K Datasheet HTML 17Page - Texas Instruments ADS8364Y/2K Datasheet HTML 18Page - Texas Instruments ADS8364Y/2K Datasheet HTML 19Page - Texas Instruments ADS8364Y/2K Datasheet HTML 20Page - Texas Instruments ADS8364Y/2K Datasheet HTML 21Page - Texas Instruments ADS8364Y/2K Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
ADS8364
18
SBAS219B
www.ti.com
FIGURE 13. Typical C28xx Connection (Hardware Control).
FIGURE 14. Typical C28xx Connection (Software Control).
BV
DD
HOLDA
HOLDB
HOLDC
A0
A1
A2
FD
WR
ADD
BYTE
DV
DD
PWM1
PWM2
PWM3
EA0
EA1
EA2
EA3
CS
RD
EOC
CLK
RESET
BGND
DATA [0]
...
DATA [15]
D0
...
D15
IS
RE
EXT_INT1
MCLKX
ADC_RST (MFSX)
V
SS
48
33
...
8:1
OE
56
23
55
30
26
57
58
54
53
52
31
29
27
28
51
BV
DD
3.3V
ADS8364
C28xx
BV
DD
FD
ADD
BYTE
A0
A1
A2
DV
DD
A2
A1
A0
CS
RD
EOC
CLK
BGND
DATA [0]
...
DATA [15]
D0
...
D15
IS
RE
EXT_INT1
MCLKX
V
SS
48
33
...
8:1
OE
56
23
55
26
53
52
54
57
58
31
29
30
27
28
BV
DD
3.3V
ADS8364
C28xx
WR
WE
HOLDA
HOLDB
HOLDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com