Electronic Components Datasheet Search
  English  ▼

X  

MHP27012D Datasheet(PDF) 8 Page - Interpoint Corporation Company

Part # MHP27012D
Description  MHP270 Single and Dual DC/DC Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHP27012D Datasheet(HTML) 8 Page - Interpoint Corporation Company

Back Button MHP27012D Datasheet HTML 2Page - Interpoint Corporation Company MHP27012D Datasheet HTML 3Page - Interpoint Corporation Company MHP27012D Datasheet HTML 4Page - Interpoint Corporation Company MHP27012D Datasheet HTML 5Page - Interpoint Corporation Company MHP27012D Datasheet HTML 6Page - Interpoint Corporation Company MHP27012D Datasheet HTML 7Page - Interpoint Corporation Company MHP27012D Datasheet HTML 8Page - Interpoint Corporation Company MHP27012D Datasheet HTML 9Page - Interpoint Corporation Company MHP27012D Datasheet HTML 10Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Notes
1. guaranteed by design, not tested.
2. Share operation not characterized for dual outputs.
3. Up to 80% of the total output power is available from either output provided that
the opposite output is simultaneously carrying 20% of the total output power.
4. Load and line transition time > 10 µs
5. Assumes balanced loads on the outputs.
6. Effect on the negative output from 50%/50% loads to 70%/30% or 30%/70%
loads.
7. Unit will shut down above approximately 425V but will be undamaged
and will restart when voltage drops into normal range.
8. Second output at 50%
9. Recovery time is measured from application of the transient to point at
which Vout is within 1% of final value.
Electrical Characteristics: 25°C Tc, 270 VDC Vin, 100% load, free run, unless otherwise specified.
DUAL OUTPUT MODELS 2
MHP27005D
MHP27012D
MHP27015D
units
parameter
COnDitiOns
min
typ
maX
min
typ
maX
min
typ
maX
Output VOltage
+VOut
4.95
5.00
5.05 11.88 12.00 12.12 14.85 15.00 15.15
VDC
-VOut
4.92
5.00
5.08 11.82 12.00 12.18 14.77 15.00 15.23
Output Current 3
eaCh Output
—
±5
8.0 1
—
±2.5
4.0 1
—
±2.17 3.46 1
a
Vin = 160 tO 400 VDC
tOtal
—
—
10
—
—
5
—
—
4.33
Output pOwer 3
eaCh Output
—
—
40 1
—
—
48 1
—
—
52 1
w
Vin = 160 tO 400 VDC
tOtal
—
—
50
—
—
60
—
—
65
Output ripple
±VOut
10 khz - 2 mhz
—
50
100
—
50
125
—
50
125
mV p-p
line regulatiOn 4
±VOut
Vin = 160 tO 400 VDC
—
—
100
—
—
120
—
—
150
mV
lOaD regulatiOn 4, 5
±VOut
nO lOaD tO Full
—
—
100
—
—
120
—
—
150
mV
CrOss regulatiOn 6
eFFeCt On –VOut
—
—
1000
—
—
800
—
—
750
mV
input VOltage
COntinuOus
160
270
400
160
270
400
160
270
400
VDC
TRANSIENT 50 msec.1, 7
0
—
450
0
—
450
0
—
450
V
input Current
nO lOaD
—
—
20
—
—
20
—
—
20
mA
inhibiteD–inh1
—
—
8
—
—
8
—
—
8
inhibiteD–inh2
—
—
15
—
—
15
—
—
15
input ripple
Current
10 khz - 10 mhz
—
—
60
—
—
60
—
—
65
mA p-p
eFFiCienCy
balanCeD lOaD
74
—
—
81
_
—
82
_
—
%
lOaD Fault
pOwer DissipatiOn
shOrt CirCuit
—
—
30
—
—
35
—
—
45
w
step lOaD
respOnse
±VOut
50% - 100% - 50% 8
transient
—
—
300
—
—
900
—
—
900
mV pk
reCOVery 9
—
—
300
—
—
300
—
—
300
µs
CapaCitiVe lOaD 1
nO eFFeCt On DC
perFOrmanCe
—
—
—
—
—
500
—
—
500
µF
Crane Aerospace & Electronics Power Solutions
MHp270 single and dual dc/dc converters
270 Volt input – 65 Watt
www.craneae.com/interpoint
Page 8 of 10
MHP270 Rev H - 2011.08.04



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com