Electronic Components Datasheet Search
  English  ▼

X  

ADT7461AR Datasheet(PDF) 12 Page - Analog Devices

Part # ADT7461AR
Description  짹1째C Temperature Monitor with Series Resistance Cancellation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7461AR Datasheet(HTML) 12 Page - Analog Devices

Back Button ADT7461AR Datasheet HTML 8Page - Analog Devices ADT7461AR Datasheet HTML 9Page - Analog Devices ADT7461AR Datasheet HTML 10Page - Analog Devices ADT7461AR Datasheet HTML 11Page - Analog Devices ADT7461AR Datasheet HTML 12Page - Analog Devices ADT7461AR Datasheet HTML 13Page - Analog Devices ADT7461AR Datasheet HTML 14Page - Analog Devices ADT7461AR Datasheet HTML 15Page - Analog Devices ADT7461AR Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADT7461
Table 7. Configuration Register Bit Assignments
Bit
Name
Function
Power-On
Default
7
MASK1
0 = ALERT Enabled
1 = ALERT Masked
0
6
RUN/STOP
0 = Run
1 = Standby
0
5
ALERT/THERM2
0 = ALERT
1 = THERM2
0
4–
3
Reserved
0
2
Temperature
Range Select
0 = 0°C to 127°C
1 = Extended
Range
0
1–
0
Reserved
0
Conversion Rate Register
The conversion rate register is Address 0×04 at read and
Address 0×0A at write. The lowest four bits of this register are
used to program the conversion rate by dividing the internal
oscillator clock by 1, 2, 4, 8, 16, 32, 64, 128, 256, 512, or 1024 to
give conversion times from 15.5 ms (Code 0×0A) to 16 seconds
(Code 0×00). For example, a conversion rate of 8 conver-
sions/second means that beginning at 125 ms intervals the
device performs a conversion on the internal and the external
temperature channels.
This register can be written to and read back over the SMBus.
The higher four bits of this register are unused and must be set
to 0. The default value of this register is 0×08, giving a rate of 16
conversions per second. Use of slower conversion times greatly
reduces the device power consumption, as shown in
.
Table 8
Table 8. Conversion Rate Register Codes
Code
Conversion/Second
Average Supply
Current µA Typ
at VDD = 5.5 V
0×00
0.0625
121.33
0×01
0.125
128.54
0×02
0.25
131.59
0×03
0.5
146.15
0×04
1
169.14
0×05
2
233.12
0×06
4
347.42
0×07
8
638.07
0×08
16
252.44
0×09
32
417.58
0×0A
64
816.87
0×0B to 0×FF
Reserved
Limit Registers
The ADT7461 has eight limit registers: high, low, and THERM
temperature limits for both local and remote temperature
measurements. The remote temperature high and low limits
span two registers each, to contain an upper and lower byte for
each limit. There is also a THERM hysteresis register. All limit
registers can be written to and read back over the SMBus. See
for details of the limit registers’ addresses and their
power-on default values.
Table 12
When Pin 6 is configured as an ALERT output, the high limit
registers perform a > comparison while the low limit registers
perform a ≤ comparison. For example, if the high limit register
is programmed with 80°C, then measuring 81°C will result in an
out-of-limit condition, setting a flag in the status register. If the
low limit register is programmed with 0°C, measuring 0°C or
lower will result in an out-of-limit condition.
Exceeding either the local or remote THERM limit asserts
THERM low. When Pin 6 is configured as THERM2, exceeding
either the local or remote high limit asserts THERM2 low. A
default hysteresis value of 10°C is provided that applies to both
THERM channels. This hysteresis value may be reprogrammed
to any value after power up (Register Address 0×21).
It is important to remember that the temperature limits data
format is the same as the temperature measurement data
format. So if the temperature measurement uses default binary,
then the temperature limits also use the binary scale. If the
temperature measurement scale is switched, however, the
temperature limits do not switch automatically. The user must
reprogram the limit registers to the desired value in the correct
data format. For example, if the remote low limit is set at 10°C
and the default binary scale is being used, the limit register
value should be 0000 1010b. If the scale is switched to offset
binary, the value in the low temperature limit register should be
reprogrammed to be 0100 1010b.
Status Register
The status register is a read-only register, at Address 0×02. It
contains status information for the ADT7461.
Bit 7 of the status register indicates that the ADC is busy con-
verting when it is high. The other bits in this register flag the
out-of-limit temperature measurements (Bits 6–3 and Bits 1–0)
and the remote sensor open circuit (Bit 2).
If Pin 6 is configured as an ALERT output, the following applies. If
the local temperature measurement exceeds its limits, Bit 6 (high
limit) or Bit 5 (low limit) of the status register asserts to flag this
condition. If the remote temperature measurement exceeds its lim-
its, then Bit 4 (high limit) or Bit 3 (low limit) asserts. Bit 2 asserts to
flag an open-circuit condition on the remote sensor. These five flags
are NOR’d together, so if any of them is high, the ALERT interrupt
latch will be set and the ALERT output will go low.
Rev. 0 | Page 12 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com