Electronic Components Datasheet Search
  English  ▼

X  

SMRT2812S/KR Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # SMRT2812S/KR
Description  SMRT Single, Dual and Triple Space DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT2812S/KR Datasheet(HTML) 2 Page - Interpoint Corporation Company

  SMRT2812S/KR Datasheet HTML 1Page - Interpoint Corporation Company SMRT2812S/KR Datasheet HTML 2Page - Interpoint Corporation Company SMRT2812S/KR Datasheet HTML 3Page - Interpoint Corporation Company SMRT2812S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMRT2812S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMRT2812S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMRT2812S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMRT2812S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMRT2812S/KR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
underVOltage lOckOut
Theconvertershaveanundervoltagelockoutthatwillallow
powerconversionatapproximately17voltsonarisinginput
voltageandaconversionshut-downonafallingvoltageat
approximately14.5volts.
InhIbIt FunctIOn
TheSMRTSeriesincorporatesaninhibitterminalthatcanbe
usedtodisableinternalswitching.Itisnotrecommendedtotie
theInhibitpinofanSMRTdirectlytotheInhibitpinofanother
converterastheSMRTInhibitpincansinkcurrent.Whenpulling
multipleinhibitsignalslow,aseparateinterfaceisrecommended
foreachSMRT.TheconverterisinhibitedwhentheInhibitpin
ispulledlow(0.4V).Intheinhibitmodetheinhibitpincurrent
requirementislessthan~2mA.Theconverterresumesnormal
operationwhenanopencircuitisappliedtotheInhibitpinorthe
Inhibitpinisopen(unconnected).Theopencircuitvoltageofthe
Inhibitpinis5to6volts.Toenabletheconverteruseanopen
collectorontheInhibitpinorleaveitunconnected.
SynchrOnIzatIOn
TheSyncInputpinisisolatedwhichallowsSyncReturnpintobe
tiedtotheprimaryside,secondaryside,orfloatwithrespecttoall
inputsandoutputs.Inputcurrentintothispinislimitedbyaseries
1kohmresistance.
radIatIOn tOlerance
TheSMRTdc-dcconvertersaredesignedtoprovidecontinuous
normaloperationthroughradiationlevelsassociatedwithspace
missionsandintacticalandstrategicmilitaryenvironments.
TheRHAlevelRconverterswilloperatenormallyinradiation
environmentswithupto100krad(Si)totaldoseandwillnot
exhibitlowdoserate(LDR)effectsat10mrad(Si)/secdoserate
uptoaTIDof100krad.
TheselevelsofradiationtolerancemaketheSMRTconverters
suitableforelectronicsinprogramswhereoperationinhigh
radiationenvironmentsisrequired.
ScreenIng
SMRTconvertersofferscreeningoptionstospaceprototype(O),
ClassHorKandradiationhardnessassurance(RHA)levels
P-30krad(Si),L-50krad(Si)orR-100krad(Si).Singleevent
effects(SEE)LETperformanceto86MeVcm2/mg.SeeTable27
andTable28formoreinformation.
eMI
TheSMRThasabuilt-inEMIinputfilterwhichbringsthe
conductedemissionsintocompliancewithbothmethodsof
MIL-STD-461,revisionsC-CE03andD-/E-/F-CE102.
electrOStatIc dIScharge (eSd) SenSItIVIty
PerMIL-PRF-38534,theSMRTSeriesconvertersareratedto
ESDclass3Bdefinedassensitivityequalto,orgreaterthan,
8000volts.
SenSe
Tightloadregulationismaintainedviawidebandwidthmagnetic
feedbackandthroughtheuseofremotesenseonsingleoutput
modelsandVOUTAondualoutputmodels.Thesensepin
functionallowsaremoteconnectionforthevoltageregulation
circuittocompensateforvoltagedropsbetweentheconverter
andthepointofuse.
Notethatifthesensepinsareconnectedbuttheoutputvoltage
pinsarenot,theconvertermaybedamaged.
Themaximumvoltagedropfromtheoutputtothesensepinis
showninTable1below.
NOMINALOUTPUT
VOLTAGE(V)1
MAxVOLTAGE
DROP(V)
MAxVOLTAGEAT
CONVERTER
(VMAx)1
3.32
0.58
3.88
5
1.0
6.0
8.72
1.9
10.58
12
2.68
14.68
15
3.36
18.36
NotesforTable1
1.Donotexceedmaximumvoltage.
2.Thesensepinfunctionfor3.3and8.7isonlyavailableonsingleoutput
models.
Table 1: MaxiMuM VolTage Drop using reMoTe sense
single anD Dual MoDels only
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page2of44
sMrt single, dual and triple space dc-dc converters
19-56 Volt input – 35 Watt – space qualiFied
SMRT28RevAJ-2016.05.03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com