Electronic Components Datasheet Search
  English  ▼

X  

SMRT2815S/KR Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # SMRT2815S/KR
Description  SMRT Single, Dual and Triple Space DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT2815S/KR Datasheet(HTML) 1 Page - Interpoint Corporation Company

  SMRT2815S/KR Datasheet HTML 1Page - Interpoint Corporation Company SMRT2815S/KR Datasheet HTML 2Page - Interpoint Corporation Company SMRT2815S/KR Datasheet HTML 3Page - Interpoint Corporation Company SMRT2815S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMRT2815S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMRT2815S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMRT2815S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMRT2815S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMRT2815S/KR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Features
• Radiationtolerantspacedc-dcconverter
- Singleeventeffects(SEE)LETperformanceto
86MeVcm2/mg
- Totalionizingdose(TID)guaranteedperMIL-STD-883
method1019,radiationhardnessassurance(RHA)
P=30krad(Si),L=50krad(Si),R=100krad(Si)
- 50-300rad(Si)/secdoserate(ConditionA)
- 10mrad(Si)/secdoserate(ConditionD)
• BuiltinMIL-STD-461EMIfilter
• Outputtrimfrom51%to124%ofnominal
• Operatingtemperature-55°to+125°C
• QualifiedtoMIL-PRF-38534ClassHandK
• Inputvoltagerange19to56volts
• Transientprotection80voltsfor120ms
• Fullyisolated,5portisolation
• Dualmagneticfeedback
• Fixedhighfrequencyswitching
• Remotesense
• Inhibitfunction
• Synchronizationinput
• Indefiniteshortcircuitprotection
• MeetsMIL-STD-704Atransientstandards
description
TheInterpoint®SMRTSeries™ofdc-dcconvertersoffersup
to35wattsofpowerinaradiationtolerantdesign.Thelow
profileSMRTconvertersaremanufacturedinourfullycertified
andqualifiedMIL-PRF-38534productionfacilityandpackaged
inhermeticallysealedsteelcases.Theyareidealforusein
programsrequiringhighreliability,smallsize,andhighlevelsof
radiationhardnessassurance.
TheSMRTconvertersareswitchingregulatorswhichusea
two-phase,phaseshiftedflybackdesignwithanominalswitching
frequencyof300kHz.Closeregulationismaintainedwith
advancedconstantfrequencypulsewidthmodulationdesign
techniques.TheSMRT’sfeed-forwardcompensationand
discontinuoustopologiesprovidehighlevelsofinput-to-output
ripplerejection.SeeFigure10onpage29,Figure29and
Figure30onpage33andFigure45andFigure46onpage
36.
Twoindependentfeedbackloopsareusedtoregulatethedual
andtripleoutputs,onefeedbackloopregulatesthetwo-phased
singleoutput.Eachsetofoutputsiselectricallyisolatedfromthe
otherandfromtheinput.Thisproductconfigurationeliminates
crossregulationeffectsbetweenoutputsets.
Configurations:
•SingleOutput:Onedual-phaseoutput
•DualOutput:Twoisolatedsingle-phaseoutputs
•TripleOutput:Onesingle-phasedoutput(Main)isolated
fromonesingle-phasedualoutput(±Auxiliary)
MODELS
Output VOltage (V)
SINGLE
DUAL
TRIPLE
3.3
VoutA5V,VoutB5V
+3.3&±12
5
VoutA12V,VoutB12V
+3.3&±15
8.7
VoutA15V,VoutB15V
+5&±7
12
+5&±12
15
+5&±15
Crane Aerospace & Electronics Power Solutions
sMrt single, dual and triple space dc-dc converters
Page1of44
19-56 Volt input – 35 Watt – space qualiFied
SMRT28RevAJ-2016.05.03
Crane Aerospace & Electronics
Power Solutions – Interpoint Products
10301 Willows Rd. NE, Redmond, WA 98052
+1 425-882-3100 • power@crane-eg.com
www.craneae.com/interpoint


Similar Part No. - SMRT2815S/KR

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMRT2815S INTERPOINT-SMRT2815S Datasheet
800Kb / 19P
Built in MIL-STD-461 EMI filter Output trim from 51% to 124% of nominal
logo
Crane Aerospace & Elect...
SMRT2815SHP CRANE-SMRT2815SHP Datasheet
249Kb / 17P
SMRT Single, Dual and Triple DC/DC Converters
SMRT2815SHR CRANE-SMRT2815SHR Datasheet
249Kb / 17P
SMRT Single, Dual and Triple DC/DC Converters
SMRT2815SKF CRANE-SMRT2815SKF Datasheet
249Kb / 17P
SMRT Single, Dual and Triple DC/DC Converters
SMRT2815SKP CRANE-SMRT2815SKP Datasheet
249Kb / 17P
SMRT Single, Dual and Triple DC/DC Converters
More results

Similar Description - SMRT2815S/KR

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MHF+283R3S CRANE-MHF+283R3S Datasheet
439Kb / 20P
MHF Single, Dual and Triple DC/DC Converters
MHV283R3S CRANE-MHV283R3S Datasheet
294Kb / 14P
MHV Single, Dual and Triple DC/DC Converters
MTR283R3S CRANE-MTR283R3S Datasheet
428Kb / 19P
MTR Single, Dual and Triple DC/DC Converters
SMRT283R3SHP CRANE-SMRT283R3SHP Datasheet
249Kb / 17P
SMRT Single, Dual and Triple DC/DC Converters
SMTR281R5SKR CRANE-SMTR281R5SKR Datasheet
1Mb / 21P
SMTR Single, Dual and Triple DC/DC Converters
logo
Interpoint Corporation ...
MHF283R3S INTERPOINT-MHF283R3S_14 Datasheet
383Kb / 23P
MHF Single, Dual and Triple DC-DC Converters
MHV283R3S INTERPOINT-MHV283R3S_15 Datasheet
330Kb / 21P
MHV Single, Dual and Triple DC-DC Converters
MTR40 INTERPOINT-MTR40 Datasheet
376Kb / 26P
MTR (40) Single, Dual and Triple DC-DC Converters
logo
VPT, Inc.
SGRB10028S VPT-SGRB10028S Datasheet
526Kb / 2P
SPACE QUALIFIED DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com