Electronic Components Datasheet Search
  English  ▼

X  

LDC1041 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LDC1041
Description  8-bit Rp, 24-bit L Inductance-to-Digital Converter with SPI
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LDC1041 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LDC1041 Datasheet HTML 17Page - Texas Instruments LDC1041 Datasheet HTML 18Page - Texas Instruments LDC1041 Datasheet HTML 19Page - Texas Instruments LDC1041 Datasheet HTML 20Page - Texas Instruments LDC1041 Datasheet HTML 21Page - Texas Instruments LDC1041 Datasheet HTML 22Page - Texas Instruments LDC1041 Datasheet HTML 23Page - Texas Instruments LDC1041 Datasheet HTML 24Page - Texas Instruments LDC1041 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
sensor
f
Output Data Rate
Response time
3
§
·
¨
¸
©
¹
LDC1041
www.ti.com
SNOSCY1 – MARCH 2014
8 Applications and Implementation
8.1 Application Information
8.1.1 Calculation of Rp_MIN and Rp_MAX
Different sensing applications may have a different range of the resonance impedance Rp to measure. The
LDC1041 measurement range of Rp is controlled by setting 2 registers – Rp_MIN and Rp_MAX. For a given
application, Rp must never be outside the range set by these register values, otherwise the measured value will
be clipped. For optimal sensor resolution, the range of Rp_MIN to Rp_MAX should not be unnecessarily large.
The following procedure is recommended to determine the Rp_MIN and Rp_MAX register values.
8.1.1.1 Setting Rp_MAX
Rp_MAX sets the upper limit of the LDC1041 resonant impedance input range.
•
Configure the sensor such that the eddy current losses are minimized. As an example, for a proximity sensing
application, set the distance between the sensor and the target to the maximum sensing distance.
•
Measure the resonant impedance Rp using an impedance analyzer.
•
Multiply Rp by 2 and use the next higher value from Table 4.
Note that setting Rp_MAX to a value not listed in Table 4 can result in indeterminate behavior.
8.1.1.2 Setting Rp_MIN
Rp_MIN sets the lower limit of the LDC1041 resonant impedance input range.
•
Configure the sensor such that the eddy current losses are maximized. As an example, for a proximity
sensing application, set the distance between the sensor and the metal target to the minimum sensing
distance.
•
Measure the resonant impedance Rp using an impedance analyzer.
•
Divide the Rp value by 2 and then select the next lower Rp value from Table 6.
Note that setting Rp_MIN to a value not listed on Table 6 can result in indeterminate behavior. In addition,
Rp_MIN powers on with a default value of 0x14 which must be set to a value from Table 6 prior to powering on
the LDC.
8.1.2 Output Data Rate
Output data rate of LDC1041 depends on the sensor frequency, fsensor and 'Response Time' field in LDC
Configuration register(Address:0x04).
(6)
8.1.3 Choosing Filter Capacitor (CFA and CFB Terminals)
The Filter capacitor is critical to the operation of the LDC1041. The capacitor should be low leakage, temperature
stable, and it must not generate any piezoelectric noise (the dielectrics of many capacitors exhibit piezoelectric
characteristics and any such noise is coupled directly through Rp into the converter). The optimal capacitance
values range from 20pF to 100nF. The value of the capacitor is based on the time constant and resonating
frequency of the LC tank.
If a ceramic capacitor is used, then a C0G (or NP0) grade dielectric is recommended; the voltage rating should
be
≥10V. The traces connecting CFA and CFB to the capacitor should be as short as possible to minimize any
parasitics.
For optimal performance, the chosen filter capacitor, connected between terminals CFA and CFB, needs to be as
small as possible, but large enough such that the active filter does not saturate. The size of this capacitor
depends on the time constant of the sense coil, which is given by L/Rs, (L=inductance, Rs=series resistance of
the inductor at oscillation frequency). The larger this time constant, the larger filter capacitor is required. Hence,
this time constant reaches its maximum when there is no target present in front of the sensing coil.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LDC1041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com