Electronic Components Datasheet Search
  English  ▼

X  

ADUM1100 Datasheet(PDF) 2 Page - Analog Devices

Part # ADUM1100
Description  iCoupler Digital Isolator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1100 Datasheet(HTML) 2 Page - Analog Devices

  ADUM1100 Datasheet HTML 1Page - Analog Devices ADUM1100 Datasheet HTML 2Page - Analog Devices ADUM1100 Datasheet HTML 3Page - Analog Devices ADUM1100 Datasheet HTML 4Page - Analog Devices ADUM1100 Datasheet HTML 5Page - Analog Devices ADUM1100 Datasheet HTML 6Page - Analog Devices ADUM1100 Datasheet HTML 7Page - Analog Devices ADUM1100 Datasheet HTML 8Page - Analog Devices ADUM1100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. E
–2–
ADuM1100–SPECIFICATIONS
ELECTRICAL SPECIFICATIONS, 5 V OPERATION1
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Input Supply Current
IDD1(Q)
0.3
0.8
mA
VI = 0 V or VDD1
Output Supply Current
IDD2(Q)
0.01
0.06
mA
VI = 0 V or VDD1
Input Supply Current (25 Mbps)
IDD1(25)
2.2
3.5
mA
12.5 MHz Logic Signal Frequency
(See TPC 1)
Output Supply Current
2 (25 Mbps)
IDD2(25)
0.5
1.0
mA
12.5 MHz Logic Signal Frequency
(See TPC 2)
Input Supply Current (100 Mbps)
IDD1(100)
9.0
14
mA
50 MHz Logic Signal Frequency,
(See TPC 1)
ADuM1100BR/ADuM1100UR Only
Output Supply Current
2 (100 Mbps)
IDD2(100)
2.0
2.8
mA
50 MHz Logic Signal Frequency,
(See TPC 2)
ADuM1100BR/ADuM1100UR Only
Input Current
II
–10
+0.01 +10
µA0 ≤ V
IN
≤ V
DD1
Logic High Output Voltage
VOH
VDD2 – 0.1 5.0
V
IO = –20
µA, V
I = VIH
VDD2 – 0.8 4.6
V
IO = –4 mA, VI = VIH
Logic Low Output Voltage
VOL
0.0
0.1
V
IO = 20
µA, V
I = VIL
0.03
0.1
V
IO = 400
µA, V
I = VIL
0.3
0.8
V
IO = 4 mA, VI = VIL
SWITCHING SPECIFICATIONS
For ADuM1100AR
Minimum Pulse Width
3
PW
40
ns
CL = 15 pF, CMOS Signal Levels
Maximum Data Rate
4
25
Mbps
CL = 15 pF, CMOS Signal Levels
For ADuM1100BR/ADuM1100UR
Minimum Pulse Width
3
PW
6.7
10
ns
CL = 15 pF, CMOS Signal Levels
Maximum Data Rate
4
100
150
Mbps
CL = 15 pF, CMOS Signal Levels
For All Grades
Propagation Delay Time
tPHL
10.5
18
ns
CL = 15 pF, CMOS Signal Levels
to Logic Low Output
5, 6
(See TPC 3)
Propagation Delay Time
tPLH
10.5
18
ns
CL = 15 pF, CMOS Signal Levels
to Logic High Output
5, 6
(See TPC 3)
Pulse Width Distortion |tPLH – tPHL|
6 PWD
0.5
2
ns
CL = 15 pF, CMOS Signal Levels
Change versus Temperature
7
3
ps/
°CC
L = 15 pF, CMOS Signal Levels
Propagation Delay Skew
tPSK1
8ns
CL = 15 pF, CMOS Signal Levels
(Equal Temperature)
6, 8
Propagation Delay Skew
tPSK2
6ns
CL = 15 pF, CMOS Signal Levels
(Equal Temperature, Supplies)
6, 8
Output Rise/Fall Time
tR, tF
3ns
CL = 15 pF, CMOS Signal Levels
Common-Mode Transient Immunity
|CML|,
25
35
kV/
µsV
I = 0 or VDD1, VCM = 1000 V,
at Logic Low/High Output
9
|CMH|Transient Magnitude = 800 V
Input Dynamic Power
CPD1
35
pF
Dissipation Capacitance
10
Output Dynamic Power
CPD2
8pF
Dissipation Capacitance
10
See Notes on page 5.
Specifications subject to change without notice.
(4.5 V
≤ VDD1 ≤ 5.5 V, 4.5 V ≤ VDD2 ≤ 5.5 V. All min/max
specifications apply over the entire recommended operation
range, unless otherwise noted. All typical specifications are at TA = 25 C, VDD1 = VDD2 = 5 V.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com