Electronic Components Datasheet Search
  English  ▼

X  

LF356H Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LF356H
Description  JFET Input Operational Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF356H Datasheet(HTML) 34 Page - Texas Instruments

Back Button LF356H Datasheet HTML 30Page - Texas Instruments LF356H Datasheet HTML 31Page - Texas Instruments LF356H Datasheet HTML 32Page - Texas Instruments LF356H Datasheet HTML 33Page - Texas Instruments LF356H Datasheet HTML 34Page - Texas Instruments LF356H Datasheet HTML 35Page - Texas Instruments LF356H Datasheet HTML 36Page - Texas Instruments LF356H Datasheet HTML 37Page - Texas Instruments LF356H Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
LF155, LF156, LF256, LF257
LF355, LF356, LF357
SNOSBH0D – MAY 2000 – REVISED NOVEMBER 2015
www.ti.com
Layout Guidelines (continued)
Figure 60. Typical Connections Of Guard Rings
The designer should be aware that when it is inappropriate to lay out a PCB for the sake of just a few circuits,
there is another technique which is even better than a guard ring on a PCB: Do not insert the input pin of the
amplifier into the board at all, but bend it up in the air and use only air as an insulator. Air is an excellent
insulator. In this case you may have to forego some of the advantages of PCB construction, but the advantages
are sometimes well worth the effort of using point-to-point up-in-the-air wiring. See Figure 61.
(Input pins are lifted out of PCB and soldered directly to components. All other pins connected to PCB).
Figure 61. Air Wiring
Another potential source of leakage that might be overlooked is the device package. When the LFx5x is
manufactured, the device is always handled with conductive finger cots. This is to assure that salts and skin oils
do not cause leakage paths on the surface of the package. We recommend that these same precautions be
adhered to, during all phases of inspection, test and assembly.
10.2 Layout Example
Figure 62. Examples Of Guard
Ring In PCB Layout
34
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
LF156 LF256 LF356



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com