Electronic Components Datasheet Search
  English  ▼

X  

LF442AMH Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LF442AMH
Description  Dual Low Power JFET Input Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF442AMH Datasheet(HTML) 13 Page - Texas Instruments

Back Button LF442AMH Datasheet HTML 9Page - Texas Instruments LF442AMH Datasheet HTML 10Page - Texas Instruments LF442AMH Datasheet HTML 11Page - Texas Instruments LF442AMH Datasheet HTML 12Page - Texas Instruments LF442AMH Datasheet HTML 13Page - Texas Instruments LF442AMH Datasheet HTML 14Page - Texas Instruments LF442AMH Datasheet HTML 15Page - Texas Instruments LF442AMH Datasheet HTML 16Page - Texas Instruments LF442AMH Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LF442
www.ti.com
SNOSC03F – APRIL 1999 – REVISED OCTOBER 2014
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LF442 uses a combination of careful layout design and internal trimming to ensure very low input offset
voltage and voltage drift. The LF442 also has a very low equivalent input noise voltage for a low power amplifier.
The LF442 should be used where low power dissipation and good electrical characteristics are the major
considerations.
8.2 Typical Applications
1. Battery Powered Strip Chart Preamplifier
2. "No FET" Low Power V to F Converter
3. High Efficiency Crystal Oven Controller
4. Conventional Log Amplifier
5. Unconvential Log Amplifier
8.2.1 Battery Powered Strip Chart Preamplifier
Figure 28. Battery Powered Strip Chart Preamplifier
8.2.1.1 Design Requirements
Runs from 9V batteries (±9V supplies).
Fully settable gain and time constant.
Battery powered supply allows direct plug-in interface to strip chart recorder without common-mode problems.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LF442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com