Electronic Components Datasheet Search
  English  ▼

X  

LM307 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM307
Description  Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM307 Datasheet(HTML) 2 Page - Texas Instruments

  LM307 Datasheet HTML 1Page - Texas Instruments LM307 Datasheet HTML 2Page - Texas Instruments LM307 Datasheet HTML 3Page - Texas Instruments LM307 Datasheet HTML 4Page - Texas Instruments LM307 Datasheet HTML 5Page - Texas Instruments LM307 Datasheet HTML 6Page - Texas Instruments LM307 Datasheet HTML 7Page - Texas Instruments LM307 Datasheet HTML 8Page - Texas Instruments LM307 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TLH7757
December 1994
LM107LM207LM307 Operational Amplifiers
General Description
The LM107 series are complete general purpose operation-
al amplifiers with the necessary frequency compensation
built into the chip Advanced processing techniques make
the input currents a factor of ten lower than industry stan-
dards like the 709 Yet they are a direct plug-in replace-
ment for the 709 LM101A and 741
The LM107 series offers the features of the LM101A which
makes its application nearly foolproof In addition the de-
vice provides better accuracy and lower noise in high im-
pedance circuitry The low input currents also make it partic-
ularly well suited for long interval integrators or timers sam-
ple and hold circuits and low frequency waveform genera-
tors Further replacing circuits where matched transistor
pairs buffer the inputs of conventional IC op amps it can
give lower offset voltage and drift at a lower cost
The LM107 is guaranteed over a b55 Cto a125 C temper-
ature range the LM207 from b25 Cto a85 C and the
LM307 from 0 Cto a70 C
Features
Y
Offset voltage 3 mV maximum over temperature
Y
Input current 100 nA maximum over temperature
Y
Offset current 20 nA maximum over temperature
Y
Guaranteed drift characteristics
Connection Diagrams
Metal Can Package
TLH7757 – 2
Note Pin 4 connected to case
Top View
Order Number LM107H883
See NS Package Number H08C
Dual-in-Line Package
TLH7757 – 3
Top View
Order Number LM107J883 or LM207J
See NS Package Number J08A
Order Number LM307N
See NS Package Number N08A
Dual-in-Line Package
TLH7757 – 13
Order Number LM107J-14883
See NS Package Number J14A
Available per SMD
5962-8958901
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com