Electronic Components Datasheet Search
  English  ▼

X  

LM211QDR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM211QDR
Description  LMx11 Quad Differential Comparators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM211QDR Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM211QDR Datasheet HTML 9Page - Texas Instruments LM211QDR Datasheet HTML 10Page - Texas Instruments LM211QDR Datasheet HTML 11Page - Texas Instruments LM211QDR Datasheet HTML 12Page - Texas Instruments LM211QDR Datasheet HTML 13Page - Texas Instruments LM211QDR Datasheet HTML 14Page - Texas Instruments LM211QDR Datasheet HTML 15Page - Texas Instruments LM211QDR Datasheet HTML 16Page - Texas Instruments LM211QDR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
OL
CE
OUT
V
R
I
=
N
CE
L
R
C
t
@
´
P
PULLUP
L
R
C
t
@
´
LM111, LM211, LM311
www.ti.com
SLCS007I – SEPTEMBER 1973 – REVISED JUNE 2015
•
When both IN– and IN+ are both within the common-mode range:
–
If IN– is higher than IN+ and the offset voltage, the output is low and the output transistor is sinking
current
–
If IN– is lower than IN+ and the offset voltage, the output is high impedance and the output transistor is
not conducting
•
When IN– is higher than common mode and IN+ is within common mode, the output is low and the output
transistor is sinking current
•
When IN+ is higher than common mode and IN– is within common mode, the output is high impedance and
the output transistor is not conducting
•
When IN– and IN+ are both higher than common mode, the output is undefined
9.2.2.2 Minimum Overdrive Voltage
Overdrive voltage is the differential voltage produced between the positive and negative inputs of the comparator
over the offset voltage (VIO). In order to make an accurate comparison the Overdrive voltage (VOD) must be
higher than the input offset voltage (VIO). Overdrive voltage can also determine the response time of the
comparator, with the response time decreasing with increasing overdrive. Figure 14 and Figure 15 show positive
and negative response times with respect to overdrive voltage.
9.2.2.3 Output and Drive Current
Output current is determined by the pullup resistance and pullup voltage. The output current produces a output
low voltage (VOL) from the comparator, in which VOL is proportional to the output current. Use Figure 5 to
determine VOL based on the output current.
The output current can also effect the transient response.
9.2.2.4 Response Time
The load capacitance (CL), pullup resistance (RPULLUP), and equivalent collector-emitter resistance (RCE) levels
determine the transient response. Equation 1 approximates the positive response time. Equation 2 approximates
the negative response time. RCE can be determine by taking the slope of Figure 5 in the linear region at the
desired temperature, or by Equation 3.
(1)
(2)
where
•
VOL is the low-level output voltage
•
IOUT is the output current
(3)
Copyright © 1973–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM111 LM211 LM311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com