Electronic Components Datasheet Search
  English  ▼

X  

DMP6023LE Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP6023LE
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP6023LE Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP6023LE Datasheet HTML 1Page - Diodes Incorporated DMP6023LE Datasheet HTML 2Page - Diodes Incorporated DMP6023LE Datasheet HTML 3Page - Diodes Incorporated DMP6023LE Datasheet HTML 4Page - Diodes Incorporated DMP6023LE Datasheet HTML 5Page - Diodes Incorporated DMP6023LE Datasheet HTML 6Page - Diodes Incorporated DMP6023LE Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMP6023LE
Document number: DS37199 Rev. 3 - 2
4 of 7
www.diodes.com
January 2015
© Diodes Incorporated
DMP6023LE
T , JUNCTION TEMPERATURE ( C)
J
Figure 7 On-Resistance Variation with Temperature
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.045
0.05
-50
-25
0
25
50
75
100 125
150
V=
5V
I=
A
GS
D
-4.
-5
T , AMBIENT TEMPERATURE (°C)
Figure 8 Gate Threshold Variation vs. Ambient Temperature
A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-50
-25
0
25
50
75
100
125
150
-I = 1mA
D
-I = 250µA
D
V , SOURCE-DRAIN VOLTAGE (V)
Figure 9 Diode Forward Voltage vs. Current
SD
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5
T= 150 C
A
T= 125 C
A
T= 85 C
A
T= 25 C
A
T= -55 C
A
V , DRAIN-SOURCE VOLTAGE (V)
Figure 10 Typical Junction Capacitance
DS
100
1000
10000
0
5
10
15
20
25
30
35
40
Coss
Crss
f = 1MHz
Ciss
Q , TOTAL GATE CHARGE (nC)
Figure 11 Gate-Charge Characteristics
g
0
1
2
3
4
5
6
7
8
9
10
0
5
10 15 20 25 30 35 40 45 50 55
V= -30V
I= -5A
DS
D
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 12 SOA, Safe Operation Area
SOA, Safe Operation Area
0.01
0.1
1
10
100
0.1
1
10
100
R DS(on)
Limited
P
= 100µs
W
P
= 1ms
W
P = 10ms
W
P = 100ms
W
P
= 1s
W
P = 10s
W
DC
T
= +150°C
J(max)
T = +25°C
A
V
= 10V
GS
Single Pulse
DUT on 1 * MRP Board



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com