Electronic Components Datasheet Search
  English  ▼

X  

TIC126N Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # TIC126N
Description  isc Thyristors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIC126N Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  TIC126N Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc Thyristors
TIC126N
APPLICATIONS
·
12A contimunous on-state current
·
100A surge-current
·
Glass passivated
·
Max IGT of 20mA
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
800
V
VRRM
Repetitive peak reverse voltage
800
V
IT(AV)
On-state current Tc=80℃
7.5
A
IT(RMS)
RMS on-state current Tc=80℃
12
A
ITM
Surge peak on-state current
100
A
PGM
Peak gate power PW≤300μs
5
W
PG(AV)
Average gate power
1
W
Tj
Operating Junction temperature
110
℃
Tstg
Storage temperature
-40 ~+125
℃
Rth(j-c)
Thermal resistance, junction to case
2.4
℃
/W
Rth(j-a)
Thermal resistance, junction to ambient
62.5
℃
/W
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
IRRM
Repetitive peak reverse current
VRM=VRRM, Tj=110℃
2.0
mA
IDRM
Repetitive peak off-state current
VRM=VRRM, Tj=110℃
2.0
mA
VTM
On-state voltage
ITM= 12A
1.4
V
IGT
Gate-trigger current
VAA=6V; RL=100Ω
20
mA
VGT
Gate-trigger voltage
VAA=6V; RL=100Ω
1.5
V
IH
Holding current
VAA=6V; RGK=1kΩ,IT=100mA
40
mA


Similar Part No. - TIC126N

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TIC126N POINN-TIC126N Datasheet
111Kb / 6P
SILICON CONTROLLED RECTIFIERS
logo
Comset Semiconductor
TIC126N COMSET-TIC126N Datasheet
199Kb / 3P
P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
TIC126N COMSET-TIC126N Datasheet
163Kb / 4P
P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
TIC126N NJSEMI-TIC126N Datasheet
80Kb / 1P
Thyristors
logo
List of Unclassifed Man...
TIC126N ETC-TIC126N Datasheet
547Kb / 1P
TIRISTORI I TRIJACI
More results

Similar Description - TIC126N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com