Electronic Components Datasheet Search
  English  ▼

X  

LM20 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM20
Description  DSBGA Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM20 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM20 Datasheet HTML 11Page - Texas Instruments LM20 Datasheet HTML 12Page - Texas Instruments LM20 Datasheet HTML 13Page - Texas Instruments LM20 Datasheet HTML 14Page - Texas Instruments LM20 Datasheet HTML 15Page - Texas Instruments LM20 Datasheet HTML 16Page - Texas Instruments LM20 Datasheet HTML 17Page - Texas Instruments LM20 Datasheet HTML 18Page - Texas Instruments LM20 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
NC
GND
Vo
GND
NC
V+
NC
GND
Vo
GND
V+
LM20
www.ti.com
SNIS106Q – DECEMBER 1999 – REVISED JANUARY 2015
9 Power Supply Recommendations
The LM20 has a very wide 2.4-V to 5.5-V power supply voltage range that makes ideal for many applications. In
noisy environments, TI recommends adding at minimum 0.1
μF from V+ to GND to bypass the power supply
voltage. Larger capacitances maybe required and are dependent on the power-supply noise.
10 Layout
10.1 Layout Guidelines
The LM20 can be easily applied in the same way as other integrated-circuit temperature sensors. It can be glued
or cemented to a surface. The temperature that the LM20 is sensing is within approximately 0.02°C of the
surface temperature to which the leads of the LM20 are attached.
Implementing the integrated-circuit temperature sensors presumes that the ambient air temperature is almost the
same as the surface temperature; if the air temperature were much higher or lower than the surface temperature,
the actual temperature measured would be at an intermediate temperature between the surface temperature and
the air temperature.
To ensure good thermal conductivity, the backside of the LM20 die is directly attached to the pin 2 GND. The
temperatures of the lands and traces to the other leads of the LM20 will also affect the temperature that is
sensed.
Alternatively, the LM20 can be mounted inside a sealed-end metal tube, and can then be dipped into a bath or
screwed into a threaded hole in a tank. As with any IC, the LM20 and accompanying wiring and circuits must be
kept insulated and dry, to avoid leakage and corrosion. This is especially true if the circuit may operate at cold
temperatures where condensation can occur. Printed-circuit coatings and varnishes such as a conformal coating
and epoxy paints or dips are often used to ensure that moisture cannot corrode the LM20 or its connections.
10.2 Layout Examples
Figure 11. Layout Used for No Heat Sink Measurements
Figure 12. Layout Used for Measurements With Small Heat Sink
10.3 Thermal Considerations
The thermal resistance junction to ambient (RθJA) is the parameter used to calculate the rise of a device junction
temperature due to its power dissipation. For the LM20, the equation used to calculate the rise in the die
temperature is as follows:
TJ = TA + RθJA [(V
+ I
Q) + (V
+ − V
O) IL]
where
•
IQ is the quiescent current and ILis the load current on the output. Because the junction temperature of LM20 is
the actual temperature being measured, take care to minimize the load current that the LM20 is required to
drive.
(14)
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com