Electronic Components Datasheet Search
  English  ▼

X  

LM112 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM112
Description  Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM112 Datasheet(HTML) 2 Page - Texas Instruments

  LM112 Datasheet HTML 1Page - Texas Instruments LM112 Datasheet HTML 2Page - Texas Instruments LM112 Datasheet HTML 3Page - Texas Instruments LM112 Datasheet HTML 4Page - Texas Instruments LM112 Datasheet HTML 5Page - Texas Instruments LM112 Datasheet HTML 6Page - Texas Instruments LM112 Datasheet HTML 7Page - Texas Instruments LM112 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLH7751
September 1992
LM112LM212LM312 Operational Amplifiers
General Description
The LM112 series are micropower operational amplifiers
with very low offset-voltage and input-current errorsat
least a factor of ten better than FET amplifiers over a
b
55 Cto a125 C temperature range Similar to the LM108
series that also use supergain transistors they differ in that
they include internal frequency compensation and have pro-
visions for offset adjustment with a single potentiometer
These amplifiers will operate on supply voltages of g2V to
g
20V drawing a quiescent current of only 300 mA Per-
formance is not appreciably affected over this range of volt-
ages so operation from unregulated power sources is easily
accomplished They can also be run from a single supply
like the 5V used for digital circuits
The LM112 series are the first IC amplifiers to improve reli-
ability by including overvoltage protection for the MOS com-
pensation capacitor Without this feature IC’s have been
known to suffer catastrophic failure caused by short-dura-
tion overvoltage spikes on the supplies Unlike other inter-
nally-compensated IC amplifiers it is possible to overcom-
pensate with an external capacitor to increase stability mar-
gin
The LM212 is identical to the LM112 except that the LM212
has its performance guaranteed over a b25 Cto a85 C
temperature range instead of b55 Cto a125 C The
LM312 is guaranteed over a 0 Cto a70 C temperature
range
Features
Y
Maximum input bias current of 3 nA over temperature
Y
Offset current less than 400 pA over temperature
Y
Low noise
Y
Guaranteed drift specifications
Connection Diagram
Metal Can Package
TLH7751 – 4
Top View
Order Number LM112H LM212H LM312H or LM112H883
See NS Package Number H08C
Auxiliary Circuits
Offset Balancing
TLH7751 – 2
Overcompensation for Greater Stability Margin
TLH7751 – 3
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com