Electronic Components Datasheet Search
  English  ▼

X  

LM146 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM146
Description  Programmable Quad Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM146 Datasheet(HTML) 1 Page - Texas Instruments

  LM146 Datasheet HTML 1Page - Texas Instruments LM146 Datasheet HTML 2Page - Texas Instruments LM146 Datasheet HTML 3Page - Texas Instruments LM146 Datasheet HTML 4Page - Texas Instruments LM146 Datasheet HTML 5Page - Texas Instruments LM146 Datasheet HTML 6Page - Texas Instruments LM146 Datasheet HTML 7Page - Texas Instruments LM146 Datasheet HTML 8Page - Texas Instruments LM146 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM146, LM346
www.ti.com
SNOSBH5B – MAY 2004 – REVISED SEPTEMBER 2004
LM146/LM346 Programmable Quad Operational Amplifiers
Check for Samples: LM146, LM346
1
FEATURES
DESCRIPTION
The LM146 series of quad op amps consists of four
2
•
(ISET=10 μA)
independent, high gain, internally compensated, low
•
Programmable Electrical Characteristics
power,
programmable
amplifiers.
Two
external
•
Battery-Powered Operation
resistors (RSET) allow the user to program the gain
bandwidth product, slew rate, supply current, input
•
Low Supply Current: 350
μA/Amplifier
bias current, input offset current and input noise. For
•
Ensured Gain Bandwidth Product: 0.8 MHz Min
example, the user can trade-off supply current for
•
Large DC Voltage Gain: 120 dB
bandwidth or optimize noise figure for a given source
resistance.
In
a
similar
way,
other
amplifier
•
Low Noise Voltage: 28 nV/
√Hz
characteristics can be tailored to the application.
•
Wide Power Supply Range: ±1.5V to ±22V
Except for the two programming pins at the end of
•
Class AB Output Stage–No Crossover
the package, the LM146 pin-out is the same as the
Distortion
LM124 and LM148.
•
Ideal Pin Out for Biquad Active Filters
•
Input Bias Currents are Temperature
Compensated
Connection Diagram
Figure 1. Dual-In-Line Package - Top View
See Package Number NFE0016A, D0016A or N16A
PROGRAMMING EQUATIONS
Total Supply Current = 1.4 mA (ISET/10 μA)
Gain Bandwidth Product = 1 MHz (ISET/10 μA)
Slew Rate = 0.4V/
μs (ISET/10 μA)
Input Bias Current
≃
≃ 50 nA (ISET/10 μA)
ISET = Current into pin 8, pin 9 (see Schematic Diagram)
(1)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2004, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM146

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM146 NSC-LM146 Datasheet
727Kb / 17P
Programmable Quad Operational Amplifiers
logo
STMicroelectronics
LM146 STMICROELECTRONICS-LM146 Datasheet
143Kb / 9P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-1997
LM146 STMICROELECTRONICS-LM146 Datasheet
149Kb / 4P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Apr-2003
LM146D STMICROELECTRONICS-LM146D Datasheet
143Kb / 9P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-1997
logo
National Semiconductor ...
LM146J NSC-LM146J Datasheet
727Kb / 17P
Programmable Quad Operational Amplifiers
More results

Similar Description - LM146

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM146 NSC-LM146 Datasheet
727Kb / 17P
Programmable Quad Operational Amplifiers
LM3303 NSC-LM3303 Datasheet
200Kb / 10P
Quad Operational Amplifiers
logo
STMicroelectronics
LM146 STMICROELECTRONICS-LM146 Datasheet
143Kb / 9P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-1997
logo
Siemens Semiconductor G...
TAA4765 SIEMENS-TAA4765 Datasheet
155Kb / 4P
QUAD OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
QUAD OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM146 STMICROELECTRONICS-LM146_03 Datasheet
149Kb / 4P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Apr-2003
logo
Unisonic Technologies
LM324 UTC-LM324_11 Datasheet
210Kb / 6P
QUAD OPERATIONAL AMPLIFIERS
2011
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
Quad Operational Amplifiers
Version 0.2 27 July 2011
logo
National Semiconductor ...
LM346 NSC-LM346 Datasheet
1Mb / 24P
LM146/LM346 Programmable Quad Operational Amplifiers
logo
Unisonic Technologies
LM324 UTC-LM324_15 Datasheet
247Kb / 5P
QUAD OPERATIONAL AMPLIFIERS
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com