Electronic Components Datasheet Search
  English  ▼

X  

LM161 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM161
Description  High Speed Differential Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM161 Datasheet(HTML) 2 Page - Texas Instruments

  LM161 Datasheet HTML 1Page - Texas Instruments LM161 Datasheet HTML 2Page - Texas Instruments LM161 Datasheet HTML 3Page - Texas Instruments LM161 Datasheet HTML 4Page - Texas Instruments LM161 Datasheet HTML 5Page - Texas Instruments LM161 Datasheet HTML 6Page - Texas Instruments LM161 Datasheet HTML 7Page - Texas Instruments LM161 Datasheet HTML 8Page - Texas Instruments LM161 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LM161, LM361
SNOSBJ5C – MAY 1999 – REVISED MARCH 2013
www.ti.com
LOGIC DIAGRAM
*Output is low when current is drawn from strobe pin.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Positive Supply Voltage, V+
+16V
Negative Supply Voltage, V−
−16V
Gate Supply Voltage, VCC
+7V
Output Voltage
+7V
Differential Input Voltage
±5V
Input Common Mode Voltage
±6V
Power Dissipation
600 mW
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
TMIN
TMAX
LM161
−55°C to +125°C
−25°C to +85°C
LM361
0°C to +70°C
Lead Temp. (Soldering, 10 seconds)
260°C
For Any Device Lead Below V−
0.3V
(1)
The device may be damaged by use beyond the maximum ratings.
Operating Conditions
Min
Typ
Max
LM161
5V
15V
Supply Voltage V+
LM361
5V
15V
LM161
−6V
−15V
Supply Voltage V−
LM361
−6V
−15V
LM161
4.5V
5V
5.5V
Supply Voltage VCC
LM361
4.75V
5V
5.25V
ESD Tolerance (1)
1600V
PDIP Package
Soldering (10 seconds)(2)
260°C
SOIC Package
Vapor Phase (60
215°C
Soldering Information(2)
seconds)
Infrared (15 seconds)
220°C
(1)
Human body model, 1.5 k
Ω in series with 100 pF.
(2)
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount devices.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM161 LM361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com