Electronic Components Datasheet Search
  English  ▼

X  

LM1949 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM1949
Description  Injector Drive Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1949 Datasheet(HTML) 2 Page - Texas Instruments

  LM1949 Datasheet HTML 1Page - Texas Instruments LM1949 Datasheet HTML 2Page - Texas Instruments LM1949 Datasheet HTML 3Page - Texas Instruments LM1949 Datasheet HTML 4Page - Texas Instruments LM1949 Datasheet HTML 5Page - Texas Instruments LM1949 Datasheet HTML 6Page - Texas Instruments LM1949 Datasheet HTML 7Page - Texas Instruments LM1949 Datasheet HTML 8Page - Texas Instruments LM1949 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
IN
OUT
COMP
SENSE
INPUT
TIMER
SENSE
GND
SUPPLY
SUPPLY
GND
1
2
3
4
5
6
7
8
LM1949
SNLS349C – FEB 1995 – REVISED MARCH 2013
www.ti.com
Figure 2. Package Number P0008E
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
8V
Power Dissipation (3)
1235 mW
Input Voltage Range
−0.3V to VCC
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Lead Temp. (Soldering 10 sec.)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
For operation in ambient temperatures above 25°C, the device must be derated based on a 150°C maximum junction temperature and a
thermal resistance of 100°C/W junction to ambient.
Electrical Characteristics
(VCC = 5.5V, VIN = 2.4V, TJ = 25°C, Figure 1, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICC
Supply Current
Off
VIN = 0V
11
23
mA
Peak
Pin 8 = 0V
28
54
mA
Hold
Pin 8 Open
16
26
mA
VOH
Input On Level
VCC = 5.5V
1.4
2.4
V
VCC = 3.0V
1.2
1.6
V
VOL
Input Off Level
VCC = 5.5V
1.0
1.35
V
VCC = 3.0V
0.7
1.15
V
IB
Input Current
−25
3
+25
µA
IOP
Output Current
Peak
Pin 8 = 0V
−10
−22
mA
Hold
Pin 8 Open
−1.5
−5
mA
VS
Output Saturation Voltage 10 mA, VIN = 0V
0.2
0.4
V
VP
Sense Input
Peak Threshold
VCC = 4.75V
350
386
415
mV
VH
Hold Reference
88
94
102
mV
t
Time-out, t
t ÷ RTCT
90
100
110
%
2
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM1949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com