Electronic Components Datasheet Search
  English  ▼

X  

LM1973 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM1973
Description  3-Channel 76dB Audio Attenuator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1973 Datasheet(HTML) 2 Page - Texas Instruments

  LM1973 Datasheet HTML 1Page - Texas Instruments LM1973 Datasheet HTML 2Page - Texas Instruments LM1973 Datasheet HTML 3Page - Texas Instruments LM1973 Datasheet HTML 4Page - Texas Instruments LM1973 Datasheet HTML 5Page - Texas Instruments LM1973 Datasheet HTML 6Page - Texas Instruments LM1973 Datasheet HTML 7Page - Texas Instruments LM1973 Datasheet HTML 8Page - Texas Instruments LM1973 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LM1973
SNAS093B – DECEMBER 1994 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
Supply Voltage (VDD–VSS)
15V
Voltage at Any Pin
VSS − 0.2V to VDD + 0.2V
Power Dissipation (4)
150 mW
ESD Susceptibility (5)
1800V
Junction Temperature
150°C
Soldering Information
NFH0020A Package (10 sec.)
+260°C
Storage Temperature
−65°C to +150°C
(1)
All voltages are measured with respect to GND (pins 1, 3, 5, 14, 17), unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional. Electrical Characteristics state DC and AC electrical specifications under particular test conditions and
specific performance limits. This assumes that the device is within the Operating Ratings. The typical value is a good indication of
device performance.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is PD = (TJMAX − TA)/θJA or the number given in the Absolute Maximum Ratings,
whichever is lower. For the LM1973N, TJMAX = +150°C, and the typical junction-to-ambient thermal resistance, when board mounted, is
65°C/W.
(5)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
OPERATING RATINGS
(1) (2)
TMIN
TA
TMAX
Temperature Range
TMIN ≤TA ≤TMAX
0°C
≤TA
≤ +70°C
Supply Voltage (VDD − VSS)
4.5V to 12V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional. Electrical Characteristics state DC and AC electrical specifications under particular test conditions and
specific performance limits. This assumes that the device is within the Operating Ratings. The typical value is a good indication of
device performance.
(2)
All voltages are measured with respect to GND (pins 1, 3, 5, 14, 17), unless otherwise specified.
2
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LM1973



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com