Electronic Components Datasheet Search
  English  ▼

X  

LM1973M/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM1973M/NOPB
Description  3-Channel 76dB Audio Attenuator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1973M/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM1973M/NOPB Datasheet HTML 1Page - Texas Instruments LM1973M/NOPB Datasheet HTML 2Page - Texas Instruments LM1973M/NOPB Datasheet HTML 3Page - Texas Instruments LM1973M/NOPB Datasheet HTML 4Page - Texas Instruments LM1973M/NOPB Datasheet HTML 5Page - Texas Instruments LM1973M/NOPB Datasheet HTML 6Page - Texas Instruments LM1973M/NOPB Datasheet HTML 7Page - Texas Instruments LM1973M/NOPB Datasheet HTML 8Page - Texas Instruments LM1973M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LM1973
www.ti.com
SNAS093B – DECEMBER 1994 – REVISED MARCH 2013
ELECTRICAL CHARACTERISTICS
(1) (2)
The following specifications apply for all channels with VDD = +6V, VSS = −6V, VIN = 5.5 Vpk, and f = 1 kHz, unless otherwise
specified. Limits apply for TA = 25°C. Digital inputs are TTL and CMOS compatible.
LM1973
Units
Parameter
Test Conditions
(Limits)
Typical (3)
Limit (4)
IS
Supply Current
Inputs are AC Grounded
3
5
mA (max)
THD+N
Total Harmonic Distortion plus Noise
VIN = 0.5 Vpk at 0dB Attenuation
0.0008
0.003
% (max)
XTalk
Crosstalk (Channel Separation)
0dB Attenuation for VIN
110
dB
(5)
VCH measured at −76dB
SNR
Signal-to-Noise Ratio
Inputs are AC Grounded
at
−12dB Attenuation
120
110
dB (min)
A-Weighted
AM
Mute Attenuation
104
96
dB (min)
Attenuation Step Size Error
0dB to
−16dB
±0.05
dB (max)
−17dB to −48dB
±0.1
dB (max)
−49dB to −76dB
±0.25
dB (max)
Absolute Attenuation Error
Attenuation at 0dB
0.01
0.5
dB (min)
Attenuation at
−20dB
19.8
19.0
dB (min)
Attenuation at
−40dB
39.5
38.5
dB (min)
Attenuation at
−60dB
59.3
58.0
dB (min)
Attenuation at
−76dB
74.5
73.0
dB (min)
Channel-to-Channel Attenuation
Attenuation at 0dB,
−20dB, −40dB,
±0.5
dB (max)
−60dB
Tracking Error
Attenuation at
−76dB
±0.75
dB (max)
ILEAK
Analog Input Leakage Current
Inputs are AC Grounded
10.0
100
nA (max)
RIN
AC Input Impedance
Pins 2, 4, 18, VIN = 1.0 Vpk, f = 1 kHz
40
20
k
Ω (min)
60
k
Ω (max)
IIN
Input Current
at Pins 9, 10, 11 at 0V < VIN < 5V
1.0
±100
nA (max)
fCLK
Clock Frequency
3
2
MHz (max)
VIH
High-Level Input Voltage
at Pins 9, 10, 11
2.0
V (min)
VIL
Low-Level Input Voltage
at Pins 9, 10, 11
0.8
V (max)
Data-Out Levels (Pin 12)
VDD = 6V, VSS = 0V
0.1
V (max)
5.9
V (min)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional. Electrical Characteristics state DC and AC electrical specifications under particular test conditions and
specific performance limits. This assumes that the device is within the Operating Ratings. The typical value is a good indication of
device performance.
(2)
All voltages are measured with respect to GND (pins 1, 3, 5, 14, 17), unless otherwise specified.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to TI's AOQL (Average Output Quality Level).
(5)
At the present time the Crosstalk measurement is specified as a typical only, which is due to a hardware limitation of the automated test
equipment.
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM1973



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com