Electronic Components Datasheet Search
  English  ▼

X  

AS7C256A Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS7C256A
Description  5V 32K X 8 CMOS SRAM (Common I/O)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C256A Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

  AS7C256A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C256A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C256A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C256A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C256A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C256A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C256A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C256A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C256A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
®
AS7C256A
9/24/04; v.1.2
Alliance Semiconductor
P. 8 of 9
Ordering information
Note: Add suffix ‘N’to the above part number for lead free parts. (Ex. AS7C256A-10JIN)
Part numbering system
Package / Access time
Temperature
10 ns
12 ns
15 ns
20 ns
Plastic SOJ, 300 mil
Commercial
AS7C256A-10JC
AS7C256A-12JC
AS7C256A-15JC
AS7C256A-20JC
Industrial
AS7C256A-10JI
AS7C256A-12JI
AS7C256A-15JI
AS7C256A-20JI
TSOP 8x13.4mm
Commercial
AS7C256A-10TC
AS7C256A-12TC
AS7C256A-15TC
AS7C256A-20TC
Industrial
AS7C256A-10TI
AS7C256A-12TI
AS7C256A-15TI
AS7C256A-20TI
AS7C
256A
–XX
X
C or I
X
SRAM prefix Device number Access time
Packages:
J = SOJ 300 mil
T = TSOP 8x13.4mm
Temperature range:
C = 0 oC to 70 0C
I = -40C to 85C
N= Lead Free Part



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com