Electronic Components Datasheet Search
  English  ▼

X  

AS2522B Datasheet(PDF) 8 Page - ams AG

Part # AS2522B
Description  Telephone Line Interface and Speakerphone Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2522B Datasheet(HTML) 8 Page - ams AG

Back Button AS2522B Datasheet HTML 4Page - ams AG AS2522B Datasheet HTML 5Page - ams AG AS2522B Datasheet HTML 6Page - ams AG AS2522B Datasheet HTML 7Page - ams AG AS2522B Datasheet HTML 8Page - ams AG AS2522B Datasheet HTML 9Page - ams AG AS2522B Datasheet HTML 10Page - ams AG AS2522B Datasheet HTML 11Page - ams AG AS2522B Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Data Sheet AS2522B
austriamicrosystems
Revision 3.4
Page 8 of 19
Timing
The data format for writing to a register has the following form:
A3
A2
A1
A0
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
xCS
CLK
DI
DO
Note:
The pins xCS,CLK,DI have internal pull-up resistors.
Parameter
Symbol
MIN
TYP
MAX
CLK Pulse width HIGH
t6
100ns
CLK Pulse width LOW
t5
100ns
xCS to first falling CLK-
edge setup time
t1
50ns
CLK to DOUT delay
t2
50ns
DIN to CLK setup time
t3
50ns
DIN to CLK hold time
t4
50ns
t1
xCS
CLK
DIN
DOUT
t2
t3
t4
t5
t6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19