Electronic Components Datasheet Search
  English  ▼

X  

SNJ54AC00W Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54AC00W
Description  RAD-TOLERANT, QUADRUPLE 2-INPUT POSITIVE-NAND GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ54AC00W Datasheet(HTML) 1 Page - Texas Instruments

  SNJ54AC00W Datasheet HTML 1Page - Texas Instruments SNJ54AC00W Datasheet HTML 2Page - Texas Instruments SNJ54AC00W Datasheet HTML 3Page - Texas Instruments SNJ54AC00W Datasheet HTML 4Page - Texas Instruments SNJ54AC00W Datasheet HTML 5Page - Texas Instruments SNJ54AC00W Datasheet HTML 6Page - Texas Instruments SNJ54AC00W Datasheet HTML 7Page - Texas Instruments SNJ54AC00W Datasheet HTML 8Page - Texas Instruments SNJ54AC00W Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN54AC00-DIE
www.ti.com
SCHS391A – APRIL 2013 – REVISED NOVEMBER 2013
RAD-TOLERANT, QUADRUPLE 2-INPUT POSITIVE-NAND GATE
Check for Samples: SN54AC00-DIE
1
FEATURES
•
2-V to 6-V VCC Operation
•
Inputs Accept Voltages to 6 V
•
Max tpd of 7 ns at 5 V
DESCRIPTION/ORDERING INFORMATION
The SN54AC00-DIE device contains four independent 2-input NAND gates. Each gate performs the Boolean
function of Y = A • B or Y = A + B in positive logic.
ORDERING INFORMATION(1)
PACKAGE
PRODUCT
PACKAGE
ORDERABLE PART NUMBER
PACKAGE QUANTITY
DESIGNATOR
SN54AC00VTD1
100
SN54AC00
TD
Bare die in waffle pack(2)
SN54AC00VTD2
10
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Processing is per the Texas Instruments space production baseline and is in compliance with the Texas Instruments Quality Control
System in effect at the time of manufacture. Electrical screening consists of DC parametric and functional testing at room temperature
only. Unless otherwise specified by Texas Instruments AC performance and performance over temperature is not warranted. Visual
Inspection is performed in accordance with MIL-STD-883 Test Method 2010 Condition B at 75X minimum.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
On products compliant to MIL-PRF-38535, all parameters are
Instruments standard warranty. Production processing does not
tested unless otherwise noted. On all other products, production
necessarily include testing of all parameters.
processing does not necessarily include testing of all parameters.


Similar Part No. - SNJ54AC00W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54AC00W TI-SNJ54AC00W Datasheet
516Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SNJ54AC00W TI-SNJ54AC00W Datasheet
665Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SNJ54AC00W TI2-SNJ54AC00W Datasheet
2Mb / 36P
SNx4AC00 Quadruple 2-Input Positive-NAND Gates
REVISED APRIL 2025
SNJ54AC00W.A TI2-SNJ54AC00W.A Datasheet
2Mb / 36P
SNx4AC00 Quadruple 2-Input Positive-NAND Gates
REVISED APRIL 2025
More results

Similar Description - SNJ54AC00W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC00 TI-SN74ALVC00 Datasheet
110Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74AUC00 TI-SN74AUC00_07 Datasheet
548Kb / 11P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00 TI-SN74ALVC00_08 Datasheet
754Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN54AC00-SP TI-SN54AC00-SP Datasheet
220Kb / 7P
RAD-TOLERANT CLASS V, QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Potato Semiconductor Co...
PO54G00A POTATO-PO54G00A Datasheet
554Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Texas Instruments
SN74ALVC00-EP TI1-SN74ALVC00-EP Datasheet
308Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74LVC00A-Q1 TI1-SN74LVC00A-Q1 Datasheet
217Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN54AC00-DIE TI-SN54AC00-DIE Datasheet
264Kb / 9P
RAD-TOLERANT, QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN54HC00-DIE TI1-SN54HC00-DIE Datasheet
81Kb / 6P
Quadruple 2-Input Positive-NAND Gate
SN74ALVC00-Q1 TI1-SN74ALVC00-Q1_15 Datasheet
769Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com