Electronic Components Datasheet Search
  English  ▼

X  

IX4424G Datasheet(PDF) 3 Page - IXYS Corporation

Part # IX4424G
Description  Ultrafast MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4424G Datasheet(HTML) 3 Page - IXYS Corporation

  IX4424G Datasheet HTML 1Page - IXYS Corporation IX4424G Datasheet HTML 2Page - IXYS Corporation IX4424G Datasheet HTML 3Page - IXYS Corporation IX4424G Datasheet HTML 4Page - IXYS Corporation IX4424G Datasheet HTML 5Page - IXYS Corporation IX4424G Datasheet HTML 6Page - IXYS Corporation IX4424G Datasheet HTML 7Page - IXYS Corporation IX4424G Datasheet HTML 8Page - IXYS Corporation IX4424G Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
IX4424G
R01
www.ixysic.com
3
1
Specifications
1.1 Pin Configuration
1.2 Pin Definitions
1.3 Absolute Maximum Ratings
Unless otherwise specified, absolute maximum electrical ratings are at 25°C
Absolute maximum ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device.
Functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not
implied.
1.4 Recommended Operating Conditions
IX4424G
NC
INA
GND
INB
NC
OUTA
V
CC
OUTB
1
4
3
2
8
5
6
7
A
B
Pin Name
Description
INA
Channel A Logic Input
INB
Channel B Logic Input
OUTA
Channel A Output - Sources or sinks current to
turn-on or turn-off a discrete MOSFET or IGBT
OUTB
Channel B Output - Sources or sinks current to
turn on or turn off a discrete MOSFET or IGBT
VCC
Supply Voltage - Provides power to the device
GND
Ground - Common ground reference for the
device
NC
No Connection
Parameter
Symbol
Minimum
Maximum
Units
Supply Voltage
VCC
-0.3
35
V
Input Voltage
VIN
-5.0
VCC+0.3
V
Output Current
IOUT
-±3
A
Junction Temperature
TJ
-55
+150
°C
Storage Temperature
TSTG
-65
+150
°C
Parameter
Symbol
Minimum
Maximum
Units
Supply Voltage
VCC
4.5
30
V
Operating Temperature Range
TA
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com