Electronic Components Datasheet Search
  English  ▼

X  

IX4428MTR Datasheet(PDF) 4 Page - IXYS Corporation

Part # IX4428MTR
Description  1.5-Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4428MTR Datasheet(HTML) 4 Page - IXYS Corporation

  IX4428MTR Datasheet HTML 1Page - IXYS Corporation IX4428MTR Datasheet HTML 2Page - IXYS Corporation IX4428MTR Datasheet HTML 3Page - IXYS Corporation IX4428MTR Datasheet HTML 4Page - IXYS Corporation IX4428MTR Datasheet HTML 5Page - IXYS Corporation IX4428MTR Datasheet HTML 6Page - IXYS Corporation IX4428MTR Datasheet HTML 7Page - IXYS Corporation IX4428MTR Datasheet HTML 8Page - IXYS Corporation IX4428MTR Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
IX4426-27-28
4
www.ixysic.com
R05
1.5 Electrical Characteristics: TA = 25°C
Test Conditions: 4.5V < VCC < 18V.
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Input Voltage, High
-
VIH
2.4
-
-
V
Input Voltage, Low
-
VIL
--
0.8
Input Current
0V < VIN < VCC
IIN
--
±1
A
Output Voltage, High
-
VOH
VCC-0.025
--
V
Output Voltage, Low
-
VOL
-
-
0.025
Output Resistance, High State
VCC=18V, IOUT=-100mA
ROH
-4
8
Output Resistance, Low State
VCC=18V, IOUT=100mA
ROL
-2
4
Latch-Up Protection
With Reverse Current
I
>500
-
-
mA
Rise Time
VCC=18V, CLOAD=1000pF
tR
-10
20
ns
Fall Time
VCC=18V, CLOAD=1000pF
tF
-8
20
On-Time Propagation Delay
VCC=18V, CLOAD=1000pF
ton
-35
60
Off-Time Propagation Delay
VCC=18V, CLOAD=1000pF
toff
-35
60
Power Supply Current
VINA=VINB=3V
ICC
-2.5
4
mA
VINA=VINB=0V
-0.6
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com