Electronic Components Datasheet Search
  English  ▼

X  

IXA4IF1200TC Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXA4IF1200TC
Description  IXA4IF1200TC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXA4IF1200TC Datasheet(HTML) 2 Page - IXYS Corporation

  IXA4IF1200TC Datasheet HTML 1Page - IXYS Corporation IXA4IF1200TC Datasheet HTML 2Page - IXYS Corporation IXA4IF1200TC Datasheet HTML 3Page - IXYS Corporation IXA4IF1200TC Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXA4IF1200TC
preliminary
-di /dt =
A/µs
T
=
°C
V
CES
V
1200
collector emitter voltage
collector emitter saturation voltage
T
= 25°C
collector current
A
9
A
C
VJ
Symbol
Definition
Ratings
typ.
max.
min.
Conditions
Unit
5
V
V
CE(sat)
total power dissipation
45
W
collector emitter leakage current
6.5
V
turn-on delay time
70
ns
t
reverse bias safe operating area
A
VGES
V
±20
V
GEM
max. transient gate emitter voltage
T
=
°C
C
V
P
tot
gate emitter threshold voltage
RBSOA
9
±30
T
=
°C
T
=
°C
VJ
V
max. DC gate voltage
I
C25
I
C
T
=
25°C
VJ
I =
A; V = 15 V
CGE
T
= 25°C
VJ
V
GE(th)
I
CES
I =
mA; V = V
CGE
CE
V = V
; V = 0 V
CE
CES
GE
I
GES
T
= 25°C
VJ
gate emitter leakage current
V
= ±20 V
GE
2.1
2.1
5.9
5.4
mA
0.1
mA
0.1
500
G(on)
total gate charge
V =
V; V = 15 V; I =
A
CE
Q
GE
C
12
nC
t
t
t
E
E
d(on)
r
d(off)
f
on
off
40
ns
250
ns
100
ns
0.4
mJ
0.3
mJ
current rise time
turn-off delay time
current fall time
turn-on energy per pulse
turn-off energy per pulse
inductive load
V
=
V; I =
A
V
= ±15 V; R =
Ω
CE
C
GE
G
V
= ±15 V; R =
Ω
GE
G
V
=
V
CEmax
1200
short circuit safe operating area
µs
SCSOA
10
T
=
°C
VJ
V
=
V; V = ±15 V
CE
GE
short circuit duration
t
short circuit current
I
SC
SC
R =
Ω; non-repetitive
G
12
A
R
thJC
thermal resistance junction to case
2.7 K/W
V
RRM
V
1200
max. repetitive reverse voltage
T
= 25°C
VJ
T
= 25°C
forward current
A
10
A
C
6
T
=
°C
C
I
F25
I
F
T
= 25°C
forward voltage
V
2.20
V
VJ
1.90
T
= 125°C
VJ
VF
I =
A
F
T
= 25°C
reverse current
mA
*
mA
VJ
*
T
= 125°C
VJ
IR
R
RRM
T
= 125°C
VJ
Q
I
t
rr
RM
rr
0.5
µC
5
A
350
ns
reverse recovery charge
max. reverse recovery current
reverse recovery time
V =
I =
A; V = 0 V
F
FGE
E
rec
0.1
mJ
reverse recovery energy
R
R
thJC
thermal resistance junction to case
3 K/W
V = V
T
= 25°C
C
T
= 25°C
VJ
T
=
°C
VJ
VJ
3
0.1
3
3
3
3
330
330
330
600
900
-150
600
I
CM
1.8
RthCH
thermal resistance case to heatsink
K/W
R
thCH
thermal resistance case to heatsink
K/W
* not applicable, see Ices value above
IGBT
Diode
600 V
V
=
V
CEmax
900
100
100
100
100
125
125
125
125
125
nA
0.15
0.15
IXYS reserves the right to change limits, conditions and dimensions.
20111109a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2011 IXYS all rights reserved



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com