Electronic Components Datasheet Search
  English  ▼

X  

IXD75IF650NA Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXD75IF650NA
Description  XPT IGBT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD75IF650NA Datasheet(HTML) 1 Page - IXYS Corporation

  IXD75IF650NA Datasheet HTML 1Page - IXYS Corporation IXD75IF650NA Datasheet HTML 2Page - IXYS Corporation IXD75IF650NA Datasheet HTML 3Page - IXYS Corporation IXD75IF650NA Datasheet HTML 4Page - IXYS Corporation IXD75IF650NA Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IXD75IF650NA
tentative
Copack
Trench IGBT (medium speed)
XPT IGBT
2(C)
3(E)
(G) 1
Part number
IXD75IF650NA
C25
CE(sat)
VV
1.5
CES
75
650
=
V=
V
I=
A
Features / Advantages:
Applications:
Package:
● Easy paralleling due to the positive temperature
coefficient of the on-state voltage
● Rugged XPT design (Xtreme light Punch Through)
results in:
- short circuit rated for 10 µsec.
- very low gate charge
- low EMI
- square RBSOA @ 2x Ic
● Thin wafer technology combined with the XPT design
results in a competitive low VCE(sat)
● SONIC™ diode
- fast and soft reverse recovery
- low operating forward voltage
● AC motor drives
● Solar inverter
● Medical equipment
● Uninterruptible power supply
● Air-conditioning systems
● Welding equipment
● Switched-mode and resonant-mode
power supplies
● Inductive heating, cookers
● Pumps, Fans
SOT-227B (minibloc)
● Industry standard outline
● RoHS compliant
● Epoxy meets UL 94V-0
● Isolation Voltage:
V~
3000
IXYS reserves the right to change limits, conditions and dimensions.
20131204
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved


Similar Part No. - IXD75IF650NA

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
High Speed LDO Regulator with ON/OFF Control
IXD1216 ZILOG-IXD1216 Datasheet
3Mb / 33P
28 V, 150 mA Voltage Regulator with Stand-by Mode
IXD1701 ZILOG-IXD1701 Datasheet
3Mb / 33P
28 V Input High Speed Voltage Regulator
IXD3220 ZILOG-IXD3220 Datasheet
1Mb / 18P
16V Input Voltage Step-Down DC/DC Controller
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
Synchronous 600 mA Step-Down DC/DC Converter
More results

Similar Description - IXD75IF650NA

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXA33IF1200HB IXYS-IXA33IF1200HB Datasheet
131Kb / 6P
XPT IGBT
IXA17IF1200HJ IXYS-IXA17IF1200HJ Datasheet
133Kb / 6P
XPT IGBT
IXA220I650NA IXYS-IXA220I650NA Datasheet
124Kb / 4P
XPT IGBT
IXA45IF1200HB IXYS-IXA45IF1200HB Datasheet
131Kb / 6P
XPT IGBT
IXA4IF1200UC IXYS-IXA4IF1200UC Datasheet
102Kb / 4P
XPT IGBT
IXA55I1200HJ IXYS-IXA55I1200HJ Datasheet
119Kb / 5P
XPT IGBT
IXA60IF1200NA IXYS-IXA60IF1200NA Datasheet
157Kb / 6P
XPT IGBT
IXA70I1200NA IXYS-IXA70I1200NA Datasheet
139Kb / 5P
XPT IGBT
MIXA80R1200VA IXYS-MIXA80R1200VA Datasheet
316Kb / 6P
XPT IGBT Module
MIXA100PM650TMI IXYS-MIXA100PM650TMI Datasheet
142Kb / 4P
XPT IGBT Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com