Electronic Components Datasheet Search
  English  ▼

X  

SI7898DP Datasheet(PDF) 2 Page - Texas Instruments

Part # SI7898DP
Description  100V Current Mode PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SI7898DP Datasheet(HTML) 2 Page - Texas Instruments

  SI7898DP Datasheet HTML 1Page - Texas Instruments SI7898DP Datasheet HTML 2Page - Texas Instruments SI7898DP Datasheet HTML 3Page - Texas Instruments SI7898DP Datasheet HTML 4Page - Texas Instruments SI7898DP Datasheet HTML 5Page - Texas Instruments SI7898DP Datasheet HTML 6Page - Texas Instruments SI7898DP Datasheet HTML 7Page - Texas Instruments SI7898DP Datasheet HTML 8Page - Texas Instruments SI7898DP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1
2
3
4
5
6
7
8
9
10
FB
VCC
OUT
VIN
COMP
UVLO
GND
CS
RT/SYNC
SS
SM74202
SNOSBA4A – NOVEMBER 2011 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Figure 2. 10-Lead VSSOP, WSON
Package Number DGS0010A
Top View
PIN DESCRIPTIONS
Pin
Name
Description
Application Information
1
VIN
Source Input Voltage
Input to the start-up regulator. Input range is 13V to 100V.
2
FB
Feedback Signal
Inverting input of the internal error amplifier. The non-
inverting input is internally connected to a 1.25V reference.
3
COMP
The output of the error amplifier and input to the
COMP pull-up is provided by an internal 5K resistor which
Pulse Width Modulator
may be used to bias an opto-coupler transistor.
4
VCC
Output of the internal high voltage series pass
If an auxiliary winding raises the voltage on this pin above
regulator. Regulated output voltage is 7.7V
the regulation set point, the internal series pass regulator
will shut down, reducing the internal power dissipation.
5
OUT
Output of the PWM controller
Gate driver output with a 1A peak current capability.
6
GND
Ground return
7
UVLO
Line Under-Voltage Shutdown
An external resistor divider from the power converter
source voltage sets the shutdown levels. The threshold at
this pin is 1.25V. Hysteresis is set by a switched internal
20µA current source.
8
CS
Current Sense input
Current sense input for current mode control and over-
current protection. Current limiting is accomplished using a
dedicated current sense comparator. If the CS pin voltage
exceeds 0.5V the OUT pin switches low for cycle-by-cycle
current limiting. CS is held low for 50ns after OUT switches
high to blank leading edge current spikes.
9
RT / SYNC
Oscillator timing resistor pin and synchronization
An external resistor connected from RT to GND sets the
input
oscillator frequency. This pin also accepts synchronization
pulses from an external clock.
10
SS
Softstart Input
An external capacitor and an internal 10µA current source
set the soft-start ramp rate.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: SM74202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com