Electronic Components Datasheet Search
  English  ▼

X  

SLK2501 Datasheet(PDF) 4 Page - Texas Instruments

Part # SLK2501
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLK2501 Datasheet(HTML) 4 Page - Texas Instruments

  SLK2501_16 Datasheet HTML 1Page - Texas Instruments SLK2501_16 Datasheet HTML 2Page - Texas Instruments SLK2501_16 Datasheet HTML 3Page - Texas Instruments SLK2501_16 Datasheet HTML 4Page - Texas Instruments SLK2501_16 Datasheet HTML 5Page - Texas Instruments SLK2501_16 Datasheet HTML 6Page - Texas Instruments SLK2501_16 Datasheet HTML 7Page - Texas Instruments SLK2501_16 Datasheet HTML 8Page - Texas Instruments SLK2501_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.ti.com
SLK2501
SLLS502C – OCTOBER 2001 – REVISED MARCH 2007
TERMINAL FUNCTIONS
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
CLOCK PINS
REFCLKP
94
LVDS/PECL
Differential reference input clock. There is an on-chip 100-
Ω termination resistor
REFCLKN
95
compatible input
differentially placed between REFCLKP and REFCLKN. The dc bias is also provided
on-chip for the ac-coupled case.
TXCLKP
79
LVDS input
Transmit data clock. The data on TXDATA(0:3) is latched on the rising edge of
TXCLKN
80
TXCLKP.
TXCLKSRCP
70
LVDS output
Transmit clock source. A clock source generated from the SLK2501 device to the
TXCLKSRCN
71
downstream device (i.e., framer) that could be used by the downstream device to
transmit data back to the SLK2501 device. This clock is frequency-locked to the local
reference clock.
RXCLKP
67
LVDS output
Receive data clock. The data on RXDATA(0:3) is on the falling edges of RXCLKP. The
RXCLKN
68
interface of RXDATA(0:3) and RXCLKP is source synchronous (refer to Figure 7).
SERIAL SIDE DATA PINS
STXDOP
9
PECL compatible
Transmit differential pairs; high-speed serial outputs
STXDON
8
output
SRXDIP
14
PECL compatible
Receive differential pairs; high-speed serial inputs
SRXDIN
15
input
PARALLEL SIDE DATA PINS
TXDATA[0:3]
88-81
LVDS input
Transmit data pins. Parallel data on this bus is clocked on the rising edge of TXCLKP.
P/N
TXDATA0 is the first bit transmitted in time.
TXPARP
99
LVDS input
Transmit data parity input
TXPARN
98
RXDATA[0:3]
66-63
LVDS output
Receive data pins. Parallel data on this bus is valid on the falling edge of RXCLKP
P/N
60-57
(refer to Figure 7). RXDATA0 is the first bit received in time.
RXPARP
56
LVDS output
Receive data parity output
RXPARN
55
FSYNCP
73
LVDS output
Frame sync pulse. This signal indicates the frame boundaries of the incoming data
FSYNCN
74
stream. If the frame-detect circuit is enabled, FSYNC pulses for four RXCLKP and
RXCLKN clock cycles, when it detects the framing patterns.
CONTROL/STATUS PINS
RSEL0
39
TTL input (with
Data rate configuration pins. Put the device under one of the four data rate operations:
RSE1L
38
pulldown)
OC-48, OC-24, OC-12, or OC-3.
CONFIG0
17
TTL input (with
Configuration pins. Put the device under one of the four operation modes: TX only, RX
CONFIG1
18
pulldown)
only, transceiver, or repeater mode. (See Table 3)
PRE1
4
TTL input (with
Programmable de-emphasis control. Combinations of these two bits can be used to
PRE2
5
pulldown)
optimize serial data transmission.
RESET
48
TTL input (with
TXFIFO and LOL reset pin. Low is reset and high is normal operation.
pulldown)
AUTO_DETECT
34
TTL input (with
Data rate autodetect enable. Enable the autodetection function for different data rates.
pulldown)
When AUTO_DETECT is high, the autodetection circuit generates RATEOUT0 and
RATEOUT1 to indicate the data rates for the downstream device.
LLOOP
53
TTL input (with
Local loopback enable. When this pin is high, the serial output is internally looped back
pulldown)
to its serial input.
RLOOP
54
TTL input (with
Remote loopback enable. When this pin is high, the serial input is internally looped back
pulldown)
to its serial output with the timing extracted from the serial data.
ENABLE
44
TTL input (with
Standby enable. When this pin is held low, the device is disabled for IDDQ testing.
pullup)
When high, the device operates normally.
FRAME_EN
27
TTL input (with
Frame sync enable. When this pin is asserted high, the frame synchronization circuit for
pullup)
byte alignment is turned on.
PRBSEN
41
TTL input (with
PRBS testing enable. When this pin is asserted high, the device is put into the PRBS
pulldown)
testing mode.
SIGDET
20
TTL input (with
Signal detect. This pin is generally connected to the output of an optical receiver. This
pulldown)
signal may be active high or active low depending on the optical receiver. The SIGDET
input is XORed with the PS pin to select the active state. When SIGDET is in the
inactive state, data is processed normally. When activated, indicating a loss of signal
event, the transmitter transmits all zeroes and force the LOS signal to go high.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com