Electronic Components Datasheet Search
  English  ▼

X  

WM8958 Datasheet(PDF) 80 Page - Wolfson Microelectronics plc

Part # WM8958
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8958 Datasheet(HTML) 80 Page - Wolfson Microelectronics plc

Back Button WM8958 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8958 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8958 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8958 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8958 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8958 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8958 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8958 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8958 Datasheet HTML 84Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 377 page
background image
WM8958
Pre-Production
w
PP, August 2012, Rev 3.4
80
DRC REGISTER CONTROLS
The AIF1DRC1 control registers are described in Table 30. The AIF1DRC2 control registers are
described in Table 31. The AIF2DRC control registers are described in Table 32.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1088 (0440h)
AIF1 DRC1 (1)
8
AIF1DRC1_NG_
ENA
0
AIF1 DRC1 Noise Gate Enable
0 = Disabled
1 = Enabled
5
AIF1DRC1_KNE
E2_OP_ENA
0
AIF1 DRC1 KNEE2_OP Enable
0 = Disabled
1 = Enabled
4
AIF1DRC1_QR
1
AIF1 DRC1 Quick-release Enable
0 = Disabled
1 = Enabled
3
AIF1DRC1_ANTI
CLIP
1
AIF1 DRC1 Anti-clip Enable
0 = Disabled
1 = Enabled
R1089 (0441h)
AIF1 DRC1 (2)
12:9
AIF1DRC1_ATK
[3:0]
0100
AIF1 DRC1 Gain attack rate
(seconds/6dB)
0000 = Reserved
0001 = 181us
0010 = 363us
0011 = 726us
0100 = 1.45ms
0101 = 2.9ms
0110 = 5.8ms
0111 = 11.6ms
1000 = 23.2ms
1001 = 46.4ms
1010 = 92.8ms
1011 = 185.6ms
1100-1111 = Reserved
8:5
AIF1DRC1_DCY
[3:0]
0010
AIF1 DRC1 Gain decay rate
(seconds/6dB)
0000 = 186ms
0001 = 372ms
0010 = 743ms
0011 = 1.49s
0100 = 2.97s
0101 = 5.94s
0110 = 11.89s
0111 = 23.78s
1000 = 47.56s
1001-1111 = Reserved
4:2
AIF1DRC1_MIN
GAIN [2:0]
001
AIF1 DRC1 Minimum gain to
attenuate audio signals
000 = 0dB
001 = -12dB (default)
010 = -18dB
011 = -24dB
100 = -36dB
101 = Reserved
11X = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com