Electronic Components Datasheet Search
  English  ▼

X  

SE100B Datasheet(PDF) 2 Page - Seaward Electronics Inc.

Part # SE100B
Description  QC2.0 Interface Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE100B Datasheet(HTML) 2 Page - Seaward Electronics Inc.

  SE100B Datasheet HTML 1Page - Seaward Electronics Inc. SE100B Datasheet HTML 2Page - Seaward Electronics Inc. SE100B Datasheet HTML 3Page - Seaward Electronics Inc. SE100B Datasheet HTML 4Page - Seaward Electronics Inc. SE100B Datasheet HTML 5Page - Seaward Electronics Inc. SE100B Datasheet HTML 6Page - Seaward Electronics Inc. SE100B Datasheet HTML 7Page - Seaward Electronics Inc. SE100B Datasheet HTML 8Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SE100B
QC2.0 Interface Module
Typical Application
Pin Description
NO.
Pin Name
Pin Function Description
1
GND
Ground
2
V1
Open Drain input of output voltage adjustment switch.
Active for 9 V, 12 V, and 20 V output setting.
3
V2
Open Drain input of output voltage adjustment switch.
Active for 12 V, and 20 V output setting.
4
V3
Open Drain input of output voltage adjustment switch.
Active for 20 V output setting.
5
D-
USB D- data line input.
6
D+
USB D+ data line input.
7
R
Connected to internal band-gap reference. Provides reference current through
connected resistor.
8
BP
Connection point for an external bypass capacitor for the internally generated supply
voltage.
Rev1.0
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., • www.seawardinc.com • Page
2
9/4/2012



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com