Electronic Components Datasheet Search
  English  ▼

X  

SE810 Datasheet(PDF) 2 Page - Seaward Electronics Inc.

Part # SE810
Description  3-Pin Microprocessor Reset Monitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE810 Datasheet(HTML) 2 Page - Seaward Electronics Inc.

  SE810 Datasheet HTML 1Page - Seaward Electronics Inc. SE810 Datasheet HTML 2Page - Seaward Electronics Inc. SE810 Datasheet HTML 3Page - Seaward Electronics Inc. SE810 Datasheet HTML 4Page - Seaward Electronics Inc. SE810 Datasheet HTML 5Page - Seaward Electronics Inc. SE810 Datasheet HTML 6Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Revision 7/28/2009
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2007. • www.seawardinc.com.cn
2
SE810
3-Pin Microprocessor Reset Monitor
(Preliminary)
Absolute Maximum Ratings
(1)
Parameter
Symbol
Value
Units
Input Voltage
VCC
5.5
V
Output Voltage
RESET
-0.3 to (VCC + 0.3)
V
Input Current
20
mA
Output Current
IOUT
20
mA
Power Dissipation
PD
Internally Limited
(3)
Output Short Circuit Duration
Infinite
Thermal Resistance, Junction-to-Ambient
ΘJA
230
°C/W
Operating Temperature Range
TA
-40~+125
℃
Lead Temperature (Soldering, 10 sec.)
260
°C
Junction Temperature
TJ
-40 to +125
°C
Storage Temperature
TS
-60 to +150
°C
Operating Rating
(2)
Parameter
Symbol
Value
Units
Supply Input Voltage
VCC
+2.0V to +5.5
V
Junction Temperature
TJ
-40 to +125
°C
Ordering/Marking Information (SOT23)
Ordering Information
Marking Information
SE810xS
S810xa•
Suffix
Reset VCC threshold(V)
L
4.63
M
4.38
J
4.00
T
3.08
S
2.93
R
2.63
The “x” denotes a suffix for VCC threshold.
The last character is the batch number.
A dot on top right corner is for lead-free
process.
Ordering/Marking Information (TO92)
Ordering Information
Marking Information
SE810Z
SE810Z
XXXX-LF
Suffix
Reset VCC threshold(V)
Z
2.30
XXXX is the batch number.
Lead-free package is indicated by LF after
XXXX.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com