Electronic Components Datasheet Search
  English  ▼

X  

SE810Z Datasheet(PDF) 1 Page - Seaward Electronics Inc.

Part # SE810Z
Description  3-Pin Microprocessor Reset Monitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE810Z Datasheet(HTML) 1 Page - Seaward Electronics Inc.

  SE810Z Datasheet HTML 1Page - Seaward Electronics Inc. SE810Z Datasheet HTML 2Page - Seaward Electronics Inc. SE810Z Datasheet HTML 3Page - Seaward Electronics Inc. SE810Z Datasheet HTML 4Page - Seaward Electronics Inc. SE810Z Datasheet HTML 5Page - Seaward Electronics Inc. SE810Z Datasheet HTML 6Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Revision 7/28/2009
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2007. • www.seawardinc.com.cn
1
SE810
3-Pin Microprocessor Reset Monitor
(Preliminary)
Description
The SE810 is a cost-effective system
supervisor Integrated Circuit (IC) designed to
monitor VCC in digital and mixed signal systems
and provide a warning signal when the system
power supply is out of working range, and a reset
signal to the host processor when necessary. No
external components are required.
The reset output is driven active within 20μsec
of VCC falling through the reset voltage threshold.
Reset is maintained active for a 150mSec(typ) after
VCC rises above the reset threshold. The SE810
has an active-high RESET output.
The SE810 is characterized for operation from
-40oC to 125oC, junction temperature. The SE810
is optimized to reject fast transient glitches on the
VCC line. Low supply current of 7μA (VCC=3.3V)
makes these devices suitable for battery powered
applications. The output voltages range from 1.7V
to 4.5V in 100mV increments. Standard voltage
versions are 2.30, 2.63, 2.93, 3.08, 4.0, 4.38, and
4.63V.
Features
Precision VCC Monitor for 2.8V, 3.0V, 3.3V, and
5.0V Supplies
150mSec typical RESET Output Delay.
Low 7μA Supply Current typical.
VCC Transient Immunity
Small SOT-23 Package and TO-92 Package
No External Components
ESD rating is 7KV(HBM).
Wide Operating Temperature: -40°C to 125°C
100% Lead (Pb)-Free
Pin Configuration
Application
Computers
Embedded systems
Battery powered equipment
Critical µP power supply monitoring
Application Diagram
GND
GND
Vcc
Vcc
Vcc
C=0.1uF
SE810
RESET
RESET
INPUT
PROCESSOR


Similar Part No. - SE810Z

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE811 SEAWARD-SE811 Datasheet
235Kb / 8P
4-Pin Microprocessor Reset Monitor
logo
List of Unclassifed Man...
SE8117 ETC-SE8117 Datasheet
162Kb / 5P
1A Positive Voltage Regulators
logo
Seaward Electronics Inc...
SE8117 SEAWARD-SE8117 Datasheet
361Kb / 8P
1A Positive Voltage Regulators
SE8117B SEAWARD-SE8117B Datasheet
407Kb / 7P
1A Positive Voltage Regulators
SE8117BTALF SEAWARD-SE8117BTALF Datasheet
407Kb / 7P
1A Positive Voltage Regulators
More results

Similar Description - SE810Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX803 ONSEMI-MAX803 Datasheet
86Kb / 9P
Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
logo
List of Unclassifed Man...
CYT809 ETC2-CYT809 Datasheet
170Kb / 4P
3-Pin Microprocessor Reset Monitor (Preliminary)
logo
ON Semiconductor
MAX803 ONSEMI-MAX803_07 Datasheet
108Kb / 10P
Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
logo
YOBON TECHNOLOGIES,INC.
YB1921 YOBON-YB1921 Datasheet
149Kb / 5P
3-Pin Microprocessor Reset Monitor
logo
Seaward Electronics Inc...
SE809 SEAWARD-SE809 Datasheet
184Kb / 5P
3-Pin Microprocessor Reset Monitor
logo
ON Semiconductor
NCP803SN400T1G ONSEMI-NCP803SN400T1G Datasheet
135Kb / 10P
Very Low Supply Current 3-Pin Microprocessor Reset Monitor
June, 2013 ??Rev. 7
NCP803SN293T3G ONSEMI-NCP803SN293T3G Datasheet
52Kb / 6P
Very Low Supply Current 3-Pin Microprocessor Reset Monitor
April, 2005 ??Rev. 5
logo
Seaward Electronics Inc...
SE811 SEAWARD-SE811 Datasheet
235Kb / 8P
4-Pin Microprocessor Reset Monitor
logo
ON Semiconductor
MAX803 ONSEMI-MAX803_15 Datasheet
97Kb / 10P
Very Low Supply Current 3-Pin Microprocessor Reset Monitor
August, 2015 ??Rev. 9
logo
E-CMOS Corporation
EC95809 E-CMOS-EC95809 Datasheet
246Kb / 6P
3-Pin Microprocessor Reset Monitor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com