Electronic Components Datasheet Search
  English  ▼

X  

SN74F623 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74F623
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F623 Datasheet(HTML) 2 Page - Texas Instruments

  SN74F623 Datasheet HTML 1Page - Texas Instruments SN74F623 Datasheet HTML 2Page - Texas Instruments SN74F623 Datasheet HTML 3Page - Texas Instruments SN74F623 Datasheet HTML 4Page - Texas Instruments SN74F623 Datasheet HTML 5Page - Texas Instruments SN74F623 Datasheet HTML 6Page - Texas Instruments SN74F623 Datasheet HTML 7Page - Texas Instruments SN74F623 Datasheet HTML 8Page - Texas Instruments SN74F623 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SN54F623, SN74F623
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SDFS087 – MARCH 1987 – REVISED OCTOBER 1993
2–2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic symbol†
logic diagram (positive logic)
2
A1
B1
EN1
19
EN2
1
OEAB
2
A1
3
A2
B1
18
4
A3
5
A4
6
A5
7
A6
8
A7
9
A8
B2
17
B3
16
B5
14
B4
15
B6
13
B8
11
B7
12
OEBA
1
OEBA
OEAB
19
1
18
2
To Seven Other Channels
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡
Supply voltage range, VCC
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (excluding I/O ports) (see Note 1)
– 1.2 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current range, IIK
– 30 mA to 5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the disabled or power-off state
– 0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high state
– 0.5 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any output in the low state: SN54F623 (A1 – A8)
40 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN54F623 (B1 – B8)
96 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74F623 (A1 – A8)
48 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74F623 (B1 – B8)
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range:
SN54F623
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74F623
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input-voltage ratings may be exceeded provided the input-current ratings are observed.
recommended operating conditions
SN54F623
SN74F623
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IIK
Input clamp current
–18
–18
mA
IOH
High level output current
A1 – A8
–3
–3
mA
IOH
High-level outputcurrent
B1 – B8
–12
–15
mA
IOL
Low level output current
A1 – A8
20
24
mA
IOL
Low-level outputcurrent
B1 – B8
48
64
mA
TA
Operating free-air temperature
–55
125
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com