Electronic Components Datasheet Search
  English  ▼

X  

DS1814C Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1814C
Description  5V and 3.3V MicroMonitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1814C Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1814C Datasheet HTML 1Page - Dallas Semiconductor DS1814C Datasheet HTML 2Page - Dallas Semiconductor DS1814C Datasheet HTML 3Page - Dallas Semiconductor DS1814C Datasheet HTML 4Page - Dallas Semiconductor DS1814C Datasheet HTML 5Page - Dallas Semiconductor DS1814C Datasheet HTML 6Page - Dallas Semiconductor DS1814C Datasheet HTML 7Page - Dallas Semiconductor DS1814C Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
122001
FEATURES
§ Halts and restarts an out-of-control
microprocessor
§ Holds microprocessor in check during power
transients
§ Automatically restarts microprocessor after
power failure
§ Monitors pushbutton for external override
§ Accurate 5%, 10%, or 20% (3V only)
microprocessor power monitoring
§ Eliminates the need for discrete components
§ 20% tolerance for use with 3.0V systems
§ Pin- and function-compatible with the
MAX823/24/25 products
§ Low cost SOT-23-5 package
§ Industrial temperature range: -40°C to +85°C
DEVICE
RST
RST
PBRST
WD
DS181xA
DS181xB
DS181xC
X
X
X
X
X
X
X
X
X
x = "DS1814" for 5V devices
x = "DS1819" for 3V devices
PIN ASSIGNMENT
PIN DESCRIPTION
DS181xA
1
RST
Active Low Reset Output
2
GND
Ground
3
PBRST
Pushbutton Reset Input
4
ST
Strobe Input
5
VCC
Power Supply
DS181xB
1
RST
Active Low Reset Output
2
GND
Ground
3
RST
Active High Reset Output
4
ST
Strobe Input
5
VCC
Power Supply
DS181xC
1
RST
Active Low Reset Output
2
GND
Ground
3
RST
Active High Reset Output
4
PBRST
Pushbutton Reset Input
5
VCC
Power Supply
DESCRIPTION
The DS1814 5-Volt MicroMonitor and the DS1819 3.3V MicroMonitor monitor three vital conditions for
a microprocessor: power supply, software execution, and external override. First, a precision temperature-
compensated reference and comparator circuit monitor the status of VCC. When an out-of-tolerance
condition occurs, an internal power-fail signal is generated which forces the reset(s) to an active state.
When VCC returns to an in-tolerance condition, the reset signal is kept in the active state for a minimum of
140ms to allow the power supply and processor to stabilize.
DS1814/DS1819
5V and 3.3V MicroMonitor
www.maxim-ic.com
32
1
45
SOT-23-5 PACKAGE
See Mech. Drawing


Similar Part No. - DS1814C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1814 MAXIM-DS1814 Datasheet
152Kb / 8P
5V and 3.3V MicroMonitor
122001
More results

Similar Description - DS1814C

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP05V MICREL-SY10EP05V Datasheet
81Kb / 6P
5V/3.3V DIFFERENTIAL AND/NAND
logo
Integral Corp.
IN1232 INTEGRAL-IN1232 Datasheet
122Kb / 6P
MICROMONITOR CHIP
logo
Dallas Semiconductor
DS1831C DALLAS-DS1831C Datasheet
76Kb / 14P
3.3V/2.5V Multi-Supply MicroMonitor
logo
Maxim Integrated Produc...
DS1705 MAXIM-DS1705 Datasheet
269Kb / 12P
3.3V and 5.0V MicroMonitor
Rev 4/10
logo
Micrel Semiconductor
SY10EP05V MICREL-SY10EP05V_05 Datasheet
116Kb / 7P
5V/3.3V DIFFERENTIAL AND/NAND
logo
Maxim Integrated Produc...
DS1706SESA MAXIM-DS1706SESA Datasheet
269Kb / 12P
3.3V and 5.0V MicroMonitor
Rev 4/10
logo
Murata Power Solutions ...
BWR33W MURATA-PS-BWR33W Datasheet
259Kb / 12P
Regulated 3.3V and 5V outputs
logo
Maxim Integrated Produc...
DS1831C MAXIM-DS1831C Datasheet
197Kb / 15P
3.3V/2.5V Multisupply MicroMonitor
060303
DS1814 MAXIM-DS1814 Datasheet
152Kb / 8P
5V and 3.3V MicroMonitor
122001
DS1707 MAXIM-DS1707 Datasheet
182Kb / 10P
3.3 and 5.0-Volt MicroMonitor
041305
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com