Electronic Components Datasheet Search
  English  ▼

X  

SE8801 Datasheet(PDF) 1 Page - Seaward Electronics Inc.

Part # SE8801
Description  Low Quiescent Current LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE8801 Datasheet(HTML) 1 Page - Seaward Electronics Inc.

  SE8801 Datasheet HTML 1Page - Seaward Electronics Inc. SE8801 Datasheet HTML 2Page - Seaward Electronics Inc. SE8801 Datasheet HTML 3Page - Seaward Electronics Inc. SE8801 Datasheet HTML 4Page - Seaward Electronics Inc. SE8801 Datasheet HTML 5Page - Seaward Electronics Inc. SE8801 Datasheet HTML 6Page - Seaward Electronics Inc. SE8801 Datasheet HTML 7Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev1.0
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., • www.seawardinc.com.cn • Page
1
9/4/2012
SE8801
Low Quiescent Current LDO
Typical Application
General Description
The SE8801 is a very low dropout three-terminal
regulator
and
specifically
designed
for
today’s
electricity meter applications. There are two distinct
requirements for the power supplies for the electricity
meters.
The
first
requirement
is
low
power
consumption. The second is low noise. Most of the
power supplies in the market could only satisfy one
requirement, but not both of them at the same time.
The SE8801 is now the first IC in the market that is
able to satisfy both requirements. The SE8801 uses a
very unique design to achieve very low power
consumption while providing a very low noise power
output for electricity meter applications.
Features
Output voltage of 3.3/4.3/5.0V/5.7 (Typ.)
Low quiescent Current
Over-current/Over-temperature Protection.
Minimum external components.
Output voltage tolerances of 4.3V ±1%
Output voltage tolerances of 3.3V/5.0V/5.7V
±2%
ESD rating is 2KV (Per MIL-STD-883D)
Input Voltage up to 30V
Operating Junction Temperature from
−40°C to
+125°C
Pin Configuration
Applications
Electricity meter.
Networking Equipments where low noise and
low power consumption is required.


Similar Part No. - SE8801

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
150mA Low Dropout Linear Regulator
SE8802K SEAWARD-SE8802K Datasheet
335Kb / 6P
150mA Low Dropout Linear Regulator
SE8802S SEAWARD-SE8802S Datasheet
335Kb / 6P
150mA Low Dropout Linear Regulator
SE8803 SEAWARD-SE8803 Datasheet
547Kb / 7P
Dual-Output Low Quiescent Current LDO
SE8803F SEAWARD-SE8803F Datasheet
547Kb / 7P
Dual-Output Low Quiescent Current LDO
More results

Similar Description - SE8801

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
Low Quiescent Current LDO
2003
MCP1700 MICROCHIP-MCP1700_07 Datasheet
729Kb / 24P
Low Quiescent Current LDO
2007
logo
Micrel Semiconductor
MIC5327 MICREL-MIC5327 Datasheet
325Kb / 10P
300mA Low Quiescent Current LDO
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
250mA Low Quiescent Current CMOS LDO
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
Low Quiescent Current LDO Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
MCP1700-1502E MICROCHIP-MCP1700-1502E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
MCP1700 MICROCHIP-MCP1700_13 Datasheet
973Kb / 28P
Low Quiescent Current LDO
08/20/13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com