Electronic Components Datasheet Search
  English  ▼

X  

SE9014 Datasheet(PDF) 2 Page - Seaward Electronics Inc.

Part # SE9014
Description  Standalon Linear Lithum Battery Charger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE9014 Datasheet(HTML) 2 Page - Seaward Electronics Inc.

  SE9014 Datasheet HTML 1Page - Seaward Electronics Inc. SE9014 Datasheet HTML 2Page - Seaward Electronics Inc. SE9014 Datasheet HTML 3Page - Seaward Electronics Inc. SE9014 Datasheet HTML 4Page - Seaward Electronics Inc. SE9014 Datasheet HTML 5Page - Seaward Electronics Inc. SE9014 Datasheet HTML 6Page - Seaward Electronics Inc. SE9014 Datasheet HTML 7Page - Seaward Electronics Inc. SE9014 Datasheet HTML 8Page - Seaward Electronics Inc. SE9014 Datasheet HTML 9Page - Seaward Electronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Revision 9/12/2014
Preliminary and all contents are subject to change without prior notice
© Seaward Electronics Inc., 2014
. • www.seawardinc.com.cn • Page 2
Absolute Maximum Rating
(1)
Parameter
Symbol
Value
Units
Input Supply Voltage
VCC
7
V
PROG Voltage
VPROG
VCC+0.3
V
BAT Voltage
VBAT
7
V
CHRG Voltage
VCHRG
7
V
BAT Short-Circuit Duration
Continuous
Thermal Resistance, Junction-to-Ambient
Θ
JA
75
°C/W
BAT Pin Current
IBAT
800
mA
PROG Pin Current
IPROG
800
A
Maximum Junction Temperature
TJ
125
°C
Storage Temperature
TS
-65 to +125
°C
Lead Temperature (Soldering, 10 sec)
300
°C
Operating Rating
(2)
Parameter
Symbol
Value
Units
Supply Input Voltage
VIN
-0.3 to +7
V
Junction Temperature
TJ
-40 to +85
°C
Electrical Characteristics
VIN = 5V; TJ = 25°C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
Input Supply Voltage
4.25
6
V
ICC
Input Supply Current
Charge Mode
(3), R
PROG = 10k
110
500
µA
Standby Mode (Charge Terminated)
70
µA
Shutdown Mode(RPROG Not Connected,
VCC < VBAT, or VCC < VUV)
20
40
µA
VFLOAT
Regulated Output (Float) Voltage
IBAT = 30mA, ICHRG = 5mA
4.158
4.2
4.242
V
IBAT
BAT Pin Current
RPROG = 10k, Current Mode
90
106
130
mA
RPROG = 2k, Current Mode
530
mA
Standby Mode, VBAT = 4.2V
0
+/-1
+/-5
µA
Shutdown Mode (RPROG Not Connected)
+/-0.5
+/-5
µA
Sleep Mode, VCC = 0V
+/-1
+/-5
µA
ITRIKL
Trickle Charge Current
VBAT < VTRIKL, RPROG = 10k
10
mA
VTRIKL
Trickle Charge Threshold Voltage
RPROG = 10k, VBAT Rising
2.8
2.9
3.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com